Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3004LD Datasheet(PDF) 1 Page - STMicroelectronics

Part # M3004LD
Description  REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3004LD Datasheet(HTML) 1 Page - STMicroelectronics

  M3004LD Datasheet HTML 1Page - STMicroelectronics M3004LD Datasheet HTML 2Page - STMicroelectronics M3004LD Datasheet HTML 3Page - STMicroelectronics M3004LD Datasheet HTML 4Page - STMicroelectronics M3004LD Datasheet HTML 5Page - STMicroelectronics M3004LD Datasheet HTML 6Page - STMicroelectronics M3004LD Datasheet HTML 7Page - STMicroelectronics M3004LD Datasheet HTML 8Page - STMicroelectronics M3004LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
June 2004
M3004LD
REMOTE CONTROL TRANSMITTER
REV. 2
FEATURES SUMMARY
FLASHED OR MODULATED TRANSMISSION
7 SUB-SYSTEM ADDRESSES
UP TO 64 COMMANDS PER SUB-SYSTEM
ADDRESS
HIGH-CURRENT REMOTE OUTPUT AT
VDD = 6V (–IOH = 80mA)
LOW NUMBER OF ADDITIONAL
COMPONENTS
KEY RELEASE DETECTION BY TOGGLE
BITS
VERY LOW STAND-BY CURRENT (< 2µA)
OPERATIONAL CURRENT < 1mA AT 6V
SUPPLY
SUPPLY VOLTAGE RANGE 2 TO 6.5V
CERAMIC RESONATOR CONTROLLED
FREQUENCY (typ. 450kHz)
DESCRIPTION
The M3004LD transmitter IC is designed for infra-
red remote control systems. It has a total of 448
commands which are divided into 7 sub-system
groups with 64 commands each. The sub-system
code may be selected by a press button, a slider
switch or hard wired.
The M3004LD generates the pattern for driving the
output stage. These patterns are pulse distance
coded. The pulses are infrared flashes or modulat-
ed. The transmission mode is defined in conjunc-
tion with the sub-system address. Modulated
pulses allow receivers with narrow-band preampli-
fiers for improved noise rejection to be used.
Flashed pulses require a wide-band preamplifier
within the receiver.
Figure 1. Package
Figure 2. Pin Connection
SO20
(Plastic Package)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
REMO
SEN 6N
SEN 5N
SEN 4N
SEN 3N
SEN 2N
SEN 1N
SEN 0N
ADRM
VDD
VSS
DRV 6N
DRV 6N
DRV 6N
DRV 6N
DRV 6N
DRV 6N
DRV 6N
OSC OUT
OSC IN


Similar Part No. - M3004LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M3004LD STMICROELECTRONICS-M3004LD Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
More results

Similar Description - M3004LD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
Remote control transmitter
August 1982
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com