Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC616LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC616LP3
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC616LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC616LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5
5 - 237
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature [1]
Output Return Loss vs. Temperature [1]
Broadband Gain & Return Loss
HMC616LP3 / 616LP3E
v00.0508
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 175 - 660 MHz
[1] Vdd = 5V [2] Vdd = 3V
Gain vs. Temperature [2]
Gain vs. Temperature [1]
Reverse Isolation vs. Temperature [1]
14
16
18
20
22
24
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
+25C
+85C
- 40C
FREQUENCY (GHz)
14
16
18
20
22
24
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
+25C
+85C
- 40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
+25C
+85C
- 40C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
+25C
+85C
- 40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
+25C
+85C
- 40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.2
0.4
0.6
0.8
1
1.2
1.4
Vdd= 5V
Vdd= 3V
FREQUENCY (GHz)
S21
S22
S11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com