Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST108AB1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # QST108AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AB1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button QST108AB1 Datasheet HTML 32Page - STMicroelectronics QST108AB1 Datasheet HTML 33Page - STMicroelectronics QST108AB1 Datasheet HTML 34Page - STMicroelectronics QST108AB1 Datasheet HTML 35Page - STMicroelectronics QST108AB1 Datasheet HTML 36Page - STMicroelectronics QST108AB1 Datasheet HTML 37Page - STMicroelectronics QST108AB1 Datasheet HTML 38Page - STMicroelectronics QST108AB1 Datasheet HTML 39Page - STMicroelectronics QST108AB1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Electrical characteristics
QST108
36/51
6.7
KOUTn/OPTn/GPOn pin characteristics
6.7.1
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
6.7.2
Output pin characteristics
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Table 31.
General characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage (1)
1.
Not tested in production, guaranteed by characterization.
VSS −0.3
0.3x VDD
V
VIH
Input high level voltage (1)
0.7x VDD
VDD + 0.3
VHys
Schmitt trigger voltage hysteresis(2)
2.
Data based on validation/design results.
400
mV
IL
Input leakage current
VSS ≤ VIN ≤ VDD
±1
μA
CIO
I/O pin capacitance
5
pF
tf(IO)out Output high to low level fall time
(2)
CL = 50 pF
Between 10%
and 90%
25
ns
tr(IO)out Output low to high level rise time
(2)
25
Table 32.
Output pin current
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 22 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
(Figure 16)
IIO = +20mA
1.3
V
IIO = +8mA
0.75
VOH
(2)
2.
The IIO current sourced must always respect the absolute maximum rating specified in Table 22 and the
sum of IIO (output and RESET pins) must not exceed IVDD..
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(Figure 21)
IIO = -5mA
VDD−1.5
IIO = -2mA
VDD−0.8
VOL
(1)(3)
3.
Not tested in production, based on characterization results.
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
IIO = +8mA
0.5
VOH
(2)(3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(Figure 19)
IIO = -2mA
VDD−0.8
VOL
(1)(3)
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
IIO = +8mA
0.6
VOH
(2)(3) Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO = -2mA
VDD−0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com