Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2007DIE2 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 50Page - STMicroelectronics STE2007DIE2 Datasheet HTML 51Page - STMicroelectronics STE2007DIE2 Datasheet HTML 52Page - STMicroelectronics STE2007DIE2 Datasheet HTML 53Page - STMicroelectronics STE2007DIE2 Datasheet HTML 54Page - STMicroelectronics STE2007DIE2 Datasheet HTML 55Page - STMicroelectronics STE2007DIE2 Datasheet HTML 56Page - STMicroelectronics STE2007DIE2 Datasheet HTML 57Page - STMicroelectronics STE2007DIE2 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
Commands
STE2007
54/62
Table 45.
Charge Pump Multiplication Factor
8.20
Refresh Rate
It is possible to select different Refresh Rate.
Table 46.
Refresh rate setting
Table 47.
Refresh Rate
8.21
Icon mode
Icon Mode
–
0: Icon Mode Disabled
–
1: Icon Mode Enabled
Table 48.
Icon Mode
8.22
N- Line inversion
N-line Inversion Function.
Table 49.
N-Line Inversion
CP1
CP0
Function
00
5 x
01
4 x
10
3 x
1
1
Not Used
(D/C)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Function
0
111
01
111
EF
Command Identifier
0
*
*
*
*
*
*
RR1
RR0
Data Field
RR1
RR0
Function
00
80 Hz
01
75 Hz
10
70 Hz
1
1
65 hz
(D/C)
D7D6D5
D4D3
D2D1
D0
Function
0
1
1
1
1
1
0
0
ICON
Command Identifier
(D/C)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Function
0
101
01
101
AD
Command Identifier
0
*
*
F1
NL4
NL3
NL2
NL1
NL0
Data Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com