Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI7105ZUB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI7105ZUB
Description  Low cost advanced HD decoding IC for STB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7105ZUB Datasheet(HTML) 1 Page - STMicroelectronics

  STI7105ZUB Datasheet HTML 1Page - STMicroelectronics STI7105ZUB Datasheet HTML 2Page - STMicroelectronics STI7105ZUB Datasheet HTML 3Page - STMicroelectronics STI7105ZUB Datasheet HTML 4Page - STMicroelectronics STI7105ZUB Datasheet HTML 5Page - STMicroelectronics STI7105ZUB Datasheet HTML 6Page - STMicroelectronics STI7105ZUB Datasheet HTML 7Page - STMicroelectronics STI7105ZUB Datasheet HTML 8Page - STMicroelectronics STI7105ZUB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 1
1/11
11
STi7105
Low cost advanced HD decoding IC for STB
Features
■ Advanced high definition video decoding
(H264/VC-1/MPEG2)
■ Advanced standard definition video decoding
(H264/VC-1/MPEG2/AVS)
■ Advanced multi-channel audio decoding
(MPEG 1, 2, MP3, DD/DD+, AAC/AAC+,
WMA9/WMA9pro)
■ Linux, Windows CE and OS21 compatible ST40
applications CPU (450 MHz)
■ 32-bit DDR1/DDR2 compatible local memory
interface
■ Multi-stream, DVR capable transport stream
processing
■ Extensive connectivity (dual USB hosts,
e-SATA, ethernet MAC/MII/RMII, MPX, and
PCI)
■ Advance security and DRM support including
SVP, MS-DRM and DTCP-IP
■ DVD data decryption
Description
The STi7105 uses state of the art process
technology to provide an ultra low-cost, fully
featured HD AVC decoder IC. It is a highly
integrated system-on-chip suitable for STB
markets across all networks (cable/satellite/DTT/x-
DSL/IP) worldwide.
The STi7105 is targeted at the latest Operator and
CE manufacturer requirements for STBs which
utilize advanced HD decoding (H264/VC-
1/MPEG2), and which conform to DVB, ISMA,
ATIS-IIF, SCTE, DirecTV, ATSC, ARIB, CEA, ITU,
OpenCable and MSTV specifications.
CP
ST40-300 core 450 MHz
UDI
32 K I cache
MMU
32 K D cache
LMI
DEI
S/PDIF
2-ch
PCM in
Digital
video in
DENC
4x
SSC/I2C
4x
UARTs
ILC
2x I/F
SmCard
GPIOs
PWM
MAFE
interface
IR Tx/Rx
UHF Rx
STBus
Main video
display
Audio L/R
TSmerger/router
Main/aux Display
compositor and
Bdisp
blitter
6DACs
Output
Analog video
output
TMDS
USB
out
Clock gen
and
6-ch
PCM out
Peripheral I/O
and external interrupts
TS
TS
TSIN1/
system
services
Aux video
display
Audio decoder
interfaces
Audio
DACs
Delta Mu
2.0
16/32
DDR1
ST231
ST231
core
Ethernet,
MAC
MII/RMII
EMI
EMPI
Digital
video
output 0
TMUs/INTC
CPU/FPU core
USB
2.0
NSK
DUAL
FDMA
Key
Scan
out
Resets/
clocks/
modes
Serial ATA
HDD, int/ext
IN2
IN0
TSOUT0
DVP
Dual
PTI 4SL2
2
2
PDES
Sec
Video decoder
Advanced
TXT
(HD/SD)
PCI
DVO0 DVO1
HDMI
VTGs
pass through
stage
Digital
video
output 1
capture
FLASH
NOR/NAND
SFLASH
JTAG
players and
Comms
3
SWTS
Dual
USB 2.0
hosts
SPI
Serial
FLASH
SDRAM
DDR2
TS
IN3
Line side
DAA
System
side
DAA
eSATA
interface
www.st.com


Similar Part No. - STI7105ZUB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
Advanced HD decoder
29-Oct-2009
STI7108 STMICROELECTRONICS-STI7108 Datasheet
258Kb / 12P
Advanced HD AVC decoder with 3D graphics acceleration
16-Nov-2009
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
Advanced HD AVC decoder with 3D graphics acceleration and MoCA
16-Mar-2011
More results

Similar Description - STI7105ZUB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7345 PHILIPS-SAA7345 Datasheet
92Kb / 40P
CMOS digital decoding IC with RAM for Compact Disc
1998 Feb 16
logo
List of Unclassifed Man...
TL811 ETC-TL811 Datasheet
199Kb / 2P
STB/PVR Controller IC
logo
Maxim Integrated Produc...
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
logo
NXP Semiconductors
SAA7341 PHILIPS-SAA7341 Datasheet
1,002Kb / 28P
COMS Digital decoding IC for Compact Disc
November 1991
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
STMicroelectronics
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
Advanced HD decoder
29-Oct-2009
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Assmann Electronics Inc...
A48-LCG-T-R ASSMANN-A48-LCG-T-R Datasheet
200Kb / 1P
LOW COST IC SOCKET
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
logo
STMicroelectronics
ST-9150 STMICROELECTRONICS-ST-9150 Datasheet
170Kb / 11P
Low-cost advanced HD decoding IC for TV
14-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com