Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI7141ZWA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI7141ZWA
Description  HD decoder for interactive digital cable set-top box
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7141ZWA Datasheet(HTML) 1 Page - STMicroelectronics

  STI7141ZWA Datasheet HTML 1Page - STMicroelectronics STI7141ZWA Datasheet HTML 2Page - STMicroelectronics STI7141ZWA Datasheet HTML 3Page - STMicroelectronics STI7141ZWA Datasheet HTML 4Page - STMicroelectronics STI7141ZWA Datasheet HTML 5Page - STMicroelectronics STI7141ZWA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev1
1/6
6
STi7141
HD decoder for interactive digital cable set-top box
Features
■ Three integrated cable receiver / demodulators
■ DOCSIS/EuroDOCSIS 2.0 cable modem with
support for DOCSIS 3.0 down-stream channel-
bonding
■ SCTE-55 part 1 and 2 physical layer support for
CableCARDTM
■ Dual Core architecture providing more than
1600 DMIPS of processing performance
■ Linux®, Windows® CE and OS21 compatible
■ Firmware based multi-standard HD video
decoder for:
– H.264 / MPEG-4 AVC HP@L4
–MPEG-2 MP@HL
–SMPTE VC-1 AP@L3
■ Firmware based multi-standard audio processor
for:
– MPEG-1 I/II/III (MP3), MPEG-2 ACC (AAC-
LC)
– MPEG-4 HE AAC (aacPlus)
– Dolby® Digital (AC-3), Dolby® Digital Plus
■ Firmware based PTI (programmable transport
stream processor)
■ DVR support, and trick play modes
■ Dual display HD and SD
■ 2D blitter graphics with extention to pseudo 3D
and video mosaic support
■ Multi-level layered security
■ Interfaces include: USB, Ethernet, HDMITM,
eSATA.
Description
The STi7141 is a highly integrated SoC (system-
on-chip) designed to meet the demanding needs of
the interactive cable set top box market place. The
STi7141 integrates all the major system functions
into a single device, and provides world leading,
multi-layer, advanced security technologies to
protect valuable video and audio assets.
LMI
DEI
S/PDIF
2-ch
PCM In
Digital
Video In
DENC
7x
SSC/I2C
3x
UARTs
ILC
2 x I/F
SmCard
GPIOs
PWM
IR Tx/Rx
UHF Rx
STBus
Main video
display
Main/Aux
COMPOSITOR
Analog Video
Output
TMDS
USB
Clock Gen
and
8-ch
PCM Out
STB peripherals
and external interrupts
System
Services
Aux video
display
Audio Decoder
Interfaces
Audio
DACs
1.1
eSATA
Interface
16
SDRAM
DDR2
ST231
ST231
2x
MAC
GMII / MII
EMPI
Digital Video Output
USB
2.0
3x
FDMA
Out
Resets /
Clocks /
Modes
Serial ATA
HDD, int/ext
DVP
(HD/SD)
PCI
DVO
HDMI
VTG0
Protected JTAG
Players and
Comms
SPI
Serial
FLASH
EMI/MPX/PCI
HD
Ethernet
ST40-300
Mailboxes
64K SRAM
Dual Core
QAM/
FEC
QAM/
FEC
QAM/
FEC
EMI
DOCSIS 2.0+ MAC
DSMA
USMA
TSMerger
Display
VTG1
Router and
Formatter
Cursor
3xGDP
PTI
MCARD
6DACs
Interface
PTI
RC
Blitter
USB
1.1
USB
2.0
USB
USB
USB
USB
Analog
Audio
Video Decoder
Digitized Cable Channels
www.st.com


Similar Part No. - STI7141ZWA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7105 STMICROELECTRONICS-STI7105 Datasheet
143Kb / 11P
Low cost advanced HD decoding IC for STB
08-Sep-2008
STI7105ZUB STMICROELECTRONICS-STI7105ZUB Datasheet
143Kb / 11P
Low cost advanced HD decoding IC for STB
08-Sep-2008
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
Advanced HD decoder
29-Oct-2009
More results

Similar Description - STI7141ZWA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5514 STMICROELECTRONICS-STI5514 Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
logo
Texas Instruments
TMS320AV7110 TI-TMS320AV7110 Datasheet
1,023Kb / 131P
Integrated Digital Set-top Box Decoder Functional Specification
logo
STMicroelectronics
STM5118 STMICROELECTRONICS-STM5118 Datasheet
202Kb / 3P
Low-cost interactive FTA set-top box decoder
Rev. 1
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
logo
TOKO, Inc
DIP1A TOKO-DIP1A Datasheet
421Kb / 4P
DIPLEXER FOR CABLE MODEM / DIGITAL SET-TOP BOX
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STM7710 STMICROELECTRONICS-STM7710 Datasheet
363Kb / 23P
Single-chip, low-cost HD set-top box decoder
25-Aug-2006
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com