Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4NB80 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP4NB80
Description  N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NB80 Datasheet(HTML) 3 Page - STMicroelectronics

  STP4NB80 Datasheet HTML 1Page - STMicroelectronics STP4NB80 Datasheet HTML 2Page - STMicroelectronics STP4NB80 Datasheet HTML 3Page - STMicroelectronics STP4NB80 Datasheet HTML 4Page - STMicroelectronics STP4NB80 Datasheet HTML 5Page - STMicroelectronics STP4NB80 Datasheet HTML 6Page - STMicroelectronics STP4NB80 Datasheet HTML 7Page - STMicroelectronics STP4NB80 Datasheet HTML 8Page - STMicroelectronics STP4NB80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay Time
Rise Time
VDD = 400 V
ID = 2 A
RG = 4.7
Ω
VGS = 10 V
14
8
20
12
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 640 V
ID = 4 A VGS = 10 V
21
7
9
29
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 640V
ID = 4 A
RG = 4.7
Ω VGS = 10 V
12
9
16
17
13
22
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
4
16
A
A
VSD (
∗)
Forward On Voltage
ISD =4 A
VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 4 A
di/dt = 100 A/
µs
VDD = 100 V
Tj = 150
o C
600
3.3
11
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area for TO-220
Safe Operating Area for TO-220FP
STP4NB80/FP
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com