Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2310 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV2310_04 Datasheet HTML 9Page - STMicroelectronics STV2310_04 Datasheet HTML 10Page - STMicroelectronics STV2310_04 Datasheet HTML 11Page - STMicroelectronics STV2310_04 Datasheet HTML 12Page - STMicroelectronics STV2310_04 Datasheet HTML 13Page - STMicroelectronics STV2310_04 Datasheet HTML 14Page - STMicroelectronics STV2310_04 Datasheet HTML 15Page - STMicroelectronics STV2310_04 Datasheet HTML 16Page - STMicroelectronics STV2310_04 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
13/112
STV2310
Default Setup At Reset
3
Default Setup At Reset
The default configuration at reset is:
● CVBS1_ input active
● Fast Blanking input for RGB insertion enable
● Automatic Standard Recognition of NTSC/PAL/SECAM
● Comb filter enable
● Data slicer enable
● Output ITU_R BT. 656/601
● Output clock CLK_DATA rising edge active
● PLL lock, HSYNC, VSYNC, FIELD primary functions enable
● Output pads active when Pin 16 connected to ground
● Output pads high impedance state when pin 16 connected to 3.3V
● Automatic HPLL time constant selection
For more detailed reset configuration descriptions, refer to Chapter 5: Register List.
3.1
System Clock Generation
The STV2310 clock is either provided by an internal 27-MHz crystal oscillator connected to pins
XTALIN_CLKXTP and XTALOUT, or imported in Differential mode from an external device such as
the STV3500 and connected to the XTALIN_CLKXTP and CLKXTM pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com