Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6412BDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV6412BDT
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412BDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV6412BDT Datasheet HTML 6Page - STMicroelectronics STV6412BDT Datasheet HTML 7Page - STMicroelectronics STV6412BDT Datasheet HTML 8Page - STMicroelectronics STV6412BDT Datasheet HTML 9Page - STMicroelectronics STV6412BDT Datasheet HTML 10Page - STMicroelectronics STV6412BDT Datasheet HTML 11Page - STMicroelectronics STV6412BDT Datasheet HTML 12Page - STMicroelectronics STV6412BDT Datasheet HTML 13Page - STMicroelectronics STV6412BDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Electrical characteristics
STV6412B
10/32
2.3
Audio section characteristics
TAMB = 25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V,
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 50 Ω, RLOUTV = 150 Ω, unless otherwise specified.
VCC12
Slow blanking control supply
voltage
11.2
12
12.8
V
Active mode (all channels ON)
IDD
Digital supply current
VDD = 5 V
6
10
mA
ICCA
Audio supply current
VCCAO = 12 V, no load
8
15
mA
ICCV
Total video supply current
(VCC+VCCB1+VCCB2+VCCB3
+VCCB4+VCCB5)
VCC = 5 V, no load, LPF OFF
VCC = 5 V, no load, LPF ON
VCC = 5 V, with load, LPF OFF
VCC = 5 V, with load, LPF ON
35
50
48
63
45
65
62
80
mA
ICC12
12 V supply current
VCC12 = 12 V
SLB input mode
SLB output mode, no load
0
3
1
4
mA
Standby mode (all channels OFF + LPF OFF)
IDD
Digital supply current
VDD = 5 V
6
10
mA
ICCAstd
Audio supply current
VCCA0 = 12 V, no load
3
mA
ICCVstd
Total video supply current
VCC = 5 V
1
mA
Table 4: Recommended operating conditions (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 5.
Audio section characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SVR100
Supply voltage rejection
VRIPPLE = 500 mVRMS at 100 Hz,
Gain= 0 dB,
DECA filter cap = 47 µF
DECA filter cap = 220 µF
60
70
80
dB
SVR1K
Supply voltage rejection
VRIPPLE = 500m VRMS at 1 kHz,
Gain = 0 dB
70
80
dB
VINDC
Input DC level
VCCA = 9 V
3.2
V
VINAC
Input signal amplitude
2
VRMS
RIN
Input resistance
30
50
k
Ω
RINmatch Input resistance matching
±2
±10
%
FRANGE Bandwidth
-3 dB, 0.5 VRMS, RLOAD = 10 kΩ,
Gain
= 0dB
50
kHz
Flatness Spread of gain in audio band
-0.5 VRMS, 20 Hz to 20 kHz,
Gain = 0 dB
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com