| Electronic Components Datasheet Search |
|
STV6414ADT Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6414ADT Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 32 page ![]() STV6414A Electrical characteristics 15/32 Note: The interrupt is forced low when a change is detected on slow blanking inputs. It can be used in standby mode to wake up the microprocessor. It is released when the I²C bus register is read. FBDEL Fast Blanking RGB delay At 50% on digital RGB transients, at 2 V on FB rise transient, at 1 V on FB fall, CLOAD = 10pF maximum 15 ns FBTRANS FB Transitions at FB output Rise Time Fall Time CLOAD = 10 pF maximum between 10% and 90% between 90% and 10% 10 10 ns ns Table 10. Fast blanking section (continued) Symbol Parameter Test conditions Min Typ Max Unit Table 11. Interrupt output Symbol Parameter Test conditions Min Typ Max Unit IT-Leak High level leakage External pull-up to 5 V 10 µA IT-Low Output low level (active) IIN = 0 mA IIN = 1 mA 0.3 0.7 V V Table 12. Address selection input Symbol Parameter Test conditions Min Typ Max Unit ADDsel_ L Address selection low level 0 0.2 V ADDsel_ H Address selection high level 2.5 VDD V ILEAK Leakage current 10 µA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |