Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6415A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6415A
Description  I²C bus-controlled video matrix switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6415A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6415A Datasheet HTML 4Page - STMicroelectronics STV6415A Datasheet HTML 5Page - STMicroelectronics STV6415A Datasheet HTML 6Page - STMicroelectronics STV6415A Datasheet HTML 7Page - STMicroelectronics STV6415A Datasheet HTML 8Page - STMicroelectronics STV6415A Datasheet HTML 9Page - STMicroelectronics STV6415A Datasheet HTML 10Page - STMicroelectronics STV6415A Datasheet HTML 11Page - STMicroelectronics STV6415A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
STV6415A
8/15
2.5.1
Second and following bytes (input/output selection)
Example: 00100 101 connects pin 10 (input) to pin 14 (output) (equals 25 in hexadecimal)
Table 6.
I²C bus output selections
Output address (MSB)
Input address (LSB)
Selected output
00000
XXX
Pin 18
Output is selected by
the 5 MSBs.
00100
XXX
Pin 14
00010
XXX
Pin 16
00110
---
Not used
00001
XXX
Pin 17
00101
XXX
Pin 13
00011
XXX
Pin 15
00111
---
Not used
Table 7.
I²C bus input selections
Output address (MSB)
Input address (LSB)
Selected input
00XXX
000
Pin 5
Input is selected by
the 3 LSBs.
00XXX
100
Pin 8
00XXX
010
Pin 3
00XXX
110
Pin 20
00XXX
001
Pin 6
00XXX
101
Pin 10
00XXX
011
Pin 1
00XXX
111
Pin 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com