Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV7733 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV7733 Datasheet HTML 3Page - STMicroelectronics STV7733 Datasheet HTML 4Page - STMicroelectronics STV7733 Datasheet HTML 5Page - STMicroelectronics STV7733 Datasheet HTML 6Page - STMicroelectronics STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics STV7733 Datasheet HTML 10Page - STMicroelectronics STV7733 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
STV7733
Power output stage
7/28
5
Power output stage
The power output stage is defined by a set of three switches that can select three different
output voltages (HVDD, MVDD or VSSP). These switches can also be all opened to configure
the output stage in a high impedance (Hi-Z) mode.
Depending on the configuration of logic inputs AOC1 and AOC2, the power output stage is
configured in either a “data through” mode or a “simultaneous” mode. In the “data through”
mode (for AOC1 = AOC2 = “L”), the power output stage converts the 2-bit encoded data that
was loaded into the latch stage for each column into a high-voltage level that appears on the
output pin. When AOC1 and AOC2 are not both “L”, the power outputs can all operate
simultaneously - going to VSSP, MVDD or HVDD depending on AOC1 and AOC2 as described
below in Table 3.
Table 3.
Power output truth table
DBn[1]
DBn[2]
POE
AOC1
AOC2
OUTn
Comment
X
X
L
X
X
All Hi-Z
(1)
1.
With input POE = “L”, all power outputs are not active, that is, they are all in Hi-Z.
L
L
H
L
L
Hi-Z
(2)
2.
Data through mode: each power output depends on the DBn[1:2] value at the falling edge of input /DL.
H
L
H
L
L
VSSP
(2)
H
H
H
L
L
MVDD
(2)
L
H
H
L
L
HVDD
(2)
X
X
H
H
L
All VSSP
(3)
3.
Output simultaneous mode: all power outputs depend on the “H”/”L” input values for AOC1 and AOC2.
X
X
H
L
H
All MVDD
(3)
X
X
H
H
H
All HVDD
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com