Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8237 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV8237
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8237 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV8237 Datasheet HTML 3Page - STMicroelectronics STV8237 Datasheet HTML 4Page - STMicroelectronics STV8237 Datasheet HTML 5Page - STMicroelectronics STV8237 Datasheet HTML 6Page - STMicroelectronics STV8237 Datasheet HTML 7Page - STMicroelectronics STV8237 Datasheet HTML 8Page - STMicroelectronics STV8237 Datasheet HTML 9Page - STMicroelectronics STV8237 Datasheet HTML 10Page - STMicroelectronics STV8237 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 156 page
background image
7/156
STV82x7
General Description
1
General Description
The STV82x7 is a multistandard TV sound demodulator and audio processor which integrates
SRS
® WOW™, SRS® TruSurround XT™, Dolby® Pro Logic®, Dolby® Pro Logic II®,Virtual
Dolby
® Surround (VDS) and Virtual Dolby® Digital (VDD) capability.
ST advanced algorithms such as ST OmniSurround, ST WideSurround, ST Dynamic Bass are
also available in this audio sound processor. ST OmniSurround is a certified Dolby
® algorithm for
the Virtual Dolby
® Digital (VDD) and the Virtual Dolby® Surround (VDS). When using VDD or
VDS, either a Dolby
® Digital or a Pro Logic® (or Pro Logic II®) decoder is mandatory
respectively.
This chip performs automatic multistandard analog TV stereo sound identification and
demodulation (no specific I²C programming is required). It offers various audio processing
functions such as equalization, loudness, beeper, volume, balance, and surround effects. It provides
a cost-effective solution for analog and digital TV designs.
The STV82x7 is perfectly suited to current and future digital TV platforms, based on audio/video
digital chips (STD2000, DTV100 platform) which include an internal digital decoder (MPEG,
Dolby
® Digital...). In the case where a Dolby® Digital decoder is embedded in the audio/video
digital chip, Virtual Dolby
® Digital can be obtained.
For the CTV100/120 platforms, this device is offered as an alternative solution to the first-generation
chassis that uses the STV82x6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com