Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4820 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW4820
Description  Mixed-signal multimedia and power management IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4820 Datasheet(HTML) 2 Page - STMicroelectronics

  STW4820 Datasheet HTML 1Page - STMicroelectronics STW4820 Datasheet HTML 2Page - STMicroelectronics STW4820 Datasheet HTML 3Page - STMicroelectronics STW4820 Datasheet HTML 4Page - STMicroelectronics STW4820 Datasheet HTML 5Page - STMicroelectronics STW4820 Datasheet HTML 6Page - STMicroelectronics STW4820 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2008
Rev 1
1/6
6
STw4820
Mixed-signal multimedia and power management IC
Features
Power management for platform
– 3 programmable step-down converters
– 6 programmable LDOs
Audio
– Dual high-quality stereo codecs
– DAC: dynamic range and SNR > 100 dB
– Two TDM 4-channel interfaces
(configurable in I2S and PCM)
– AB class headset capless stereo amplifier
– D class loudspeaker stereo amplifier
(2 x 1 W)
USB 2.O OTG interface
– High-speed (480 Mb/s) OTG transceiver
– ULPI interface
– VBUS peripheral supply up to 100 mA
TVout
– CVBS output
– PAL, NTSC TV standards supported
General-purpose analog digital converter
– 4- and 5-wire touch screen interface
– Main and back-up battery monitoring
– Accessory detection
Clock management
– 32 kHz oscillator with RTC
– System clock oscillator
(38.4 MHz, 26 MHz, 19.2 MHz supported)
Miscellaneous
– ON/OFF key driver
– Temperature shutdown
– Lead-free and halogen-free package
Applications
– Nomadik
™ STn88xx multimedia processor
– Smartphones, portable media player
Description
STw4820 is a highly integrated mixed signal
multimedia and power management IC that
enables complete integration of all analog
functions needed in high-end mobile phones or
portable multimedia applications.
With its highly efficient set of regulators, STw4820
optimizes overall power consumption of
multimedia processor and its peripherals.
The high fidelity and versatile embedded audio
codec offers best-in-class audio quality and
extensive uses cases.
The high-speed USB transceiver makes PC
synchronization faster than ever. Integrated OTG
supply enables data transfer towards other
peripherals.
VFBGA 8 mm x 8 mm x 1.0 mm, 0.4mm pitch
www.st.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com