Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1014IYF Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSL1014IYF
Description  14 1 channel buffers for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IYF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSL1014IYF Datasheet HTML 3Page - STMicroelectronics TSL1014IYF Datasheet HTML 4Page - STMicroelectronics TSL1014IYF Datasheet HTML 5Page - STMicroelectronics TSL1014IYF Datasheet HTML 6Page - STMicroelectronics TSL1014IYF Datasheet HTML 7Page - STMicroelectronics TSL1014IYF Datasheet HTML 8Page - STMicroelectronics TSL1014IYF Datasheet HTML 9Page - STMicroelectronics TSL1014IYF Datasheet HTML 10Page - STMicroelectronics TSL1014IYF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TSL1014
Electrical characteristics
7/16
Figure 8.
Output current capability vs.
temperature
Figure 9.
High level voltage drop vs.
temperature
-40
-20
0
20406080
-250
-200
-150
-100
-50
0
50
100
150
200
250
V
CC
=10V, 16.8V
V
CC
=5.5V
Buffer CO M
Am bient Tem perature (°C )
-40
-20
0
204060
80
0
50
100
150
200
250
V
CC
= 10V
V
CC
= 16.8V
V
CC
= 5.5V
Buffers A & B
Iout = 5m A
Am bient Tem p eratu re (°C )
Figure 10.
Low level voltage drop vs.
temperature
Figure 11.
Low level voltage drop vs.
temperature
-40
-20
0
2040
6080
0
50
100
150
200
V
CC
= 16.8V
V
CC
= 10V
V
CC
=5.5V
B uffers C to L
Iout= 5m A
Am b ient Tem p erature (°C )
-40
-20
0
204060
80
0
50
100
150
200
V
CC
=16.8V
V
CC
=10V
V
CC
=5.5V
B uffers M , N and C O M
Iout=5m A
Am bien t T em peratu re (°C )
Figure 12.
Voltage output high (VOH) vs.
output current - Buffers A & B
Figure 13.
Voltage output high (VOH) vs.
output current - Buffers A & B
0
5
10
15
20
25
30
3.5
4.0
4.5
5.0
5.5
Buffers A & B
V
CC
= 5.5V
T
AM B
= + 25°C
T
AM B
= + 85°C
T
AM B
= -40°C
O utput current (m A)
0
5
10
15
20
25
30
9.0
9.2
9.4
9.6
9.8
10.0
T
AMB
=+85°C
T
AMB
=+25°C
T
AMB
=-40°C
Buffers A & B
V
CC
= 10V
O utput current (m A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com