Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3NM60
Description  N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STD3NM60 Datasheet HTML 1Page - STMicroelectronics STD3NM60 Datasheet HTML 2Page - STMicroelectronics STD3NM60 Datasheet HTML 3Page - STMicroelectronics STD3NM60 Datasheet HTML 4Page - STMicroelectronics STD3NM60 Datasheet HTML 5Page - STMicroelectronics STD3NM60 Datasheet HTML 6Page - STMicroelectronics STD3NM60 Datasheet HTML 7Page - STMicroelectronics STD3NM60 Datasheet HTML 8Page - STMicroelectronics STD3NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2002
STP4NM60
STD3NM60 - STD3NM60-1
N-CHANNEL 600V - 1.3
Ω - 3A TO-220/DPAK/IPAK
Zener-Protected MDmesh™Power MOSFET
s
TYPICAL RDS(on) = 1.3 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
IMPROVED ESD CAPABILITY
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
s
TIGHT PROCESS CONTROL AND HIGH
MANUFACTORING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar completition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increase
the power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP4NM60
STD3NM60
STD3NM60-1
600 V
600 V
600 V
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
4 A
3 A
3 A
69 W
42 W
42 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP4NM60
P4NM60
TO-220
TUBE
STD3NM60T4
D3NM60
DPAK
TAPE & REEL
STD3NM60-1
D3NM60
IPAK
TUBE
TO-220
IPAK
DPAK
1
3
3
2
1
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD3NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM60 STMICROELECTRONICS-STD3NM60 Datasheet
711Kb / 17P
N-channel 600 V, 1.3 Ω, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
02-Sep-2009
STD3NM60 STMICROELECTRONICS-STD3NM60 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
711Kb / 17P
N-channel 600 V, 1.3 Ω, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
02-Sep-2009
STD3NM60-1 STMICROELECTRONICS-STD3NM60-1 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
STD3NM60N STMICROELECTRONICS-STD3NM60N Datasheet
909Kb / 15P
N-channel 600 V, 1.6 廓, 3.3 A, MDmesh??II Power MOSFET in DPAK package
10-May-2012
More results

Similar Description - STD3NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Apr-2003
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh™ Power MOSFET
Aug-2003
STP4NM60 STMICROELECTRONICS-STP4NM60_09 Datasheet
711Kb / 17P
N-channel 600 V, 1.3 Ω, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
02-Sep-2009
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™ Power MOSFET
January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com