Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7190 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7190
Description  4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7190 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7190 Datasheet HTML 13Page - Analog Devices AD7190 Datasheet HTML 14Page - Analog Devices AD7190 Datasheet HTML 15Page - Analog Devices AD7190 Datasheet HTML 16Page - Analog Devices AD7190 Datasheet HTML 17Page - Analog Devices AD7190 Datasheet HTML 18Page - Analog Devices AD7190 Datasheet HTML 19Page - Analog Devices AD7190 Datasheet HTML 20Page - Analog Devices AD7190 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Preliminary Technical Data
AD7190
Rev.PrD 7/08 | Page 21
PR07640-0-7/08(PrD)
Table 20. Register Bit Designations
Bit Location
Bit Name
Description
GP7
0
This bit must be programmed with a Logic 0 for correct operation.
GP 6
BPDSW
Power Switch Control Bit. Set by user to close the power switch BPDSW to AGND. The power switch
can sink up to 30 mA. Cleared by user to open the power switch. When the ADC is placed in power-
down mode, the power switch remains active.
GP5
GP32EN
Digital Outputs P3 and P2 Enable.
When GP32EN is set, the digital outputs P3 and P2 are active. When GP32EN is cleared, the pins P3
and P2 are tri-stated and bits P3DAT and P2DAT are ignored.
GP4
GP10EN
Digital Outputs P1 and P0 Enable.
When GP10EN is set, the digital outputs P1 and P0 are active. When GP10EN is cleared, the P1 and
P0 outputs are tri-stated and bits P1DAT and P0DAT are ignored. The pins P1 and P0 can be used as a
reference input REFIN2 when bit REFSEL in the configuration register is set to 1.
GP3
P3DAT
Digital Output P3. When GP32EN is set, the P3DAT bit sets the value of the general purpose output
pin P3. When P3DAT is high, the output P3 is high. When P3DAT is low, the output P3 is low.
GP2
P2DAT
Digital Output P2. When GP32EN is set, the P2DAT bit sets the value of the general purpose output
pin P2. When P2DAT is high, the output P2 is high. When P2DAT is low, the output P2 is low.
GP1
P1DAT
Digital Output P1. When GP10EN is set, the P1DAT bit sets the value of the general purpose output
pin P1. When P1DAT is high, the output P1 is high. When P1DAT is low, the output P1 is low.
GP0
P0DAT
Digital Output P0. When GP10EN is set, the P0DAT bit sets the value of the general purpose output
pin P0. When P0DAT is high, the output P0 is high. When P0DAT is low, the output P0 is low.
OFFSET REGISTER
(RS2, RS1, RS0 = 1, 1, 0; Power-On/Reset = 0x800000)
The offset register holds the offset calibration coefficient for the
ADC. The power-on reset value of the offset register is
0x800000. The AD7190 has four offset registers so each channel
has a dedicated offset register. Each of these registers is a 24-bit
read/write register. This register is used in conjunction with its
associated full-scale register to form a register pair. The power-
on reset value is automatically overwritten if an internal or
system zero-scale calibration is initiated by the user. The
AD7190 must be placed in power-down mode or idle mode
when writing to the offset register.
FULL-SCALE REGISTER
(RS2, RS1, RS0 = 1, 1, 1; Power-On/Reset = 0x5XXXX0)
The full-scale register is a 24-bit register that holds the full-scale
calibration coefficient for the ADC. The AD7190 has 4 full-
scale registers so each channel has a dedicated full-scale register.
The full-scale registers are read/write registers. However, when
writing to the full-scale registers, the ADC must be placed in
power-down mode or idle mode. These registers are configured
on power-on with factory-calibrated full-scale calibration
coefficients, the calibration being performed at gain = 1.
Therefore, every device will have different default coefficients.
The default value will be automatically overwritten if an
internal or system full-scale calibration is initiated by the user
or the full-scale register is written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com