Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P142 Datasheet(PDF) 79 Page - ELAN Microelectronics Corp

Part # EM78P142
Description  8-Bit Microprocessor with OTP ROM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P142 Datasheet(HTML) 79 Page - ELAN Microelectronics Corp

Back Button EM78P142 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 83Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
EM78P142
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 01.25.2008
• 73
(This specification is subject to change without further notice)
Bit 3 (LVDIE):
Low voltage Detector interrupt enable bit.
0
= Disable Low voltage Detector interrupt
1
= Enable Low voltage Detector interrupt
When the detect-low-level-voltage state is used to enter an interrupt
vector or enter next instruction, the LVDIE bit must be set to “Enable“.
Bit 2 (LVDEN):
Low Voltage Detector Enable bit
0
= Low voltage detector disable
1
= Low voltage detector enable
Bits 1~0 (LVD1:0):
Low Voltage Detector level bits.
LVDEN
LVD1, LVD0
LVD voltage Interrupt Level
/LVD
Vdd ≤ 2.2V
0
1
11
Vdd > 2.2V
1
Vdd ≤ 3.3V
0
1
10
Vdd > 3.3V
1
Vdd ≤ 4.0V
0
1
01
Vdd > 4.0V
1
Vdd ≤ 4.5V
0
1
00
Vdd > 4.5V
1
0
××
NA
0
6.13.2.2 RE (Interrupt Status 2 & Wake-up Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
/LVD
LVDIF
ADIF
“0”
ADWE
“0”
ICWE
LVDWE
NOTE
■ RE < 6, 5 > can be cleared by instruction but cannot be set.
■ IOCE0 is the interrupt mask register.
■ Reading RE will result to "logic AND" of RE and IOCE0.
Bit 7 (/LVD):
Low voltage Detector state. This is a read only bit. When the VDD pin
voltage is lower than LVD voltage interrupt level (selected by LVD1 and
LVD0), this bit will be cleared.
0
= Low voltage is detected.
1
= Low voltage is not detected or LVD function is disabled.
Bit 6 (LVDIF):
Low Voltage Detector interrupt flag
LVDIF reset to “0” by software or hardware.
Bit 0 (LVDWE):
Low Voltage Detect wake-up enable bit.
0
= Disable Low Voltage Detect wake-up.
1
= Enable Low Voltage Detect wake-up.
When the Low Voltage Detect is used to enter an interrupt vector or to
wake up the IC from sleep/idle with Low Voltage Detect running, the
LVDWE bit must be set to “Enable“.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com