Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM313 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AM313
Description  IC FOR PROXIMITY DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM313 Datasheet(HTML) 2 Page - Analog Microelectronics

  AM313 Datasheet HTML 1Page - Analog Microelectronics AM313 Datasheet HTML 2Page - Analog Microelectronics AM313 Datasheet HTML 3Page - Analog Microelectronics AM313 Datasheet HTML 4Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IC FOR PROXIMITY DETECTOR
AM 313
analog microelectronics
April 2005
2/4
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 4.75 to 35 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Current
ICC
VCC = 4.75V, IRd = 0µA
0.6
0.9
1.2
mA
VCC = 4.75V, IRd = 220µA
1.2
1.5
1.8
mA
VCC = 35V, IRd = 0µA
0.8
1.1
1.5
mA
Output Source Current
IQL (res. IQ)
VCabt = 2V, VCC = 35V
100
150
200
µA
Output Sink Current
IQL
without external RS
100
150
200
µA
Max. Current
IQL = f (RS)
RS = 5Ω
12
18
mA
Low Output Voltage
UQL
Iext = 100 µA
0.6
0.9
1.2
V
High Output Voltage
UQ (res. UQ)
VCgl = 2V, VCC = 4.75V
4.45
4.75
V
LED Output Current
ILED
2.8
4
mA
Short Circuit Detection Threshold Um
250
300
350
mV
Current Short Circuits
ION
VCabt = 2V, VRm = 1V
50
80
150
µA
IOFF
VCabt = 1V, VRm = 1V
–1.7
–1.2
–0.7
µA
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Scanning Duty Cycle
TON
Cabt = 0nF, Um = 1V
4
µs
(in Short Circuit Mode)
Cabt = 1nF, Um = 1V
21
µs
TOFF
Cabt = 0nF, Um = 1V
350
µs
Cabt = 1nF, Um = 1V
2.0
ms
TOFF /TON
Cabt = 0nF
90
Cabt = 1nF
100
Power–On–Delay
Tabt
Cabt = 0nF
380
µs
Cabt = 1nF
2.3
ms
Oscillator Frequency
fOsc
depends on LC res.
0.05
2.6
MHz
Oscillator Amplitude
VOsc
1.2
2
Vpp
Detection Frequency
fdet
(fOsc = 770kHz, Q = 16)
5
kHz
Detection Distance Res.
Rd
3
k
Hysteresis Resistor
Rh
Rh >> Rd
30
k
Det. Distance Temp. Comp. Res.
Rk
external
0
1.4
k
Rectifier Filter Capacitor
Cglext
depends on fOsc
(Cglint = 150pF)
0
150
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com