Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L032-M Datasheet(PDF) 21 Page - AMIC Technology

Part # A25L032-M
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L032-M Datasheet(HTML) 21 Page - AMIC Technology

Back Button A25L032-M Datasheet HTML 17Page - AMIC Technology A25L032-M Datasheet HTML 18Page - AMIC Technology A25L032-M Datasheet HTML 19Page - AMIC Technology A25L032-M Datasheet HTML 20Page - AMIC Technology A25L032-M Datasheet HTML 21Page - AMIC Technology A25L032-M Datasheet HTML 22Page - AMIC Technology A25L032-M Datasheet HTML 23Page - AMIC Technology A25L032-M Datasheet HTML 24Page - AMIC Technology A25L032-M Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
20
AMIC Technology Corp.
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh) all bits
inside the chosen sector. Before it can be accepted, a Write
Enable (WREN) instruction must previously have been ex-
ecuted. After the Write Enable (WREN) instruction has been
decoded, the device sets the Write Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by driving Chip
Select ( S ) Low, followed by the instruction code on Serial
Data Input (DIO). Chip Select ( S ) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 13. Chip Select
( S ) must be driven High after the eighth bit of the instruction
code has been latched in, otherwise the Sector Erase
instruction is not executed. As soon as Chip Select ( S ) is
driven High, the self-timed Sector Erase cycle (whose
duration is tSE) is initiated. While the Sector Erase cycle is in
progress, the Status Register may be read to check the value
of the Write In Progress (WIP) bit. The Write In Progress
(WIP) bit is 1 during the self-timed Sector Erase cycle, and is
0 when it is completed. At some unspecified time before the
cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Sector Erase (SE) instruction applied to a page which is
protected by the Block Protect (TB, BP2, BP1, BP0) bits (see
table 1 and table 2) is not executed.
Figure 13. Sector Erase (SE) Instruction Sequence
Instruction
MSB
810
9
0 1 234 5 6 7
24-Bit Address
28 29 30 31
23
S
C
DIO
22 21
3 21 00
23
Note:. Address bits A23 to A21 are Don’t Care, for A25L016
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com