Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204H41AMR Datasheet(PDF) 23 Page - Torex Semiconductor

Part # XC6204H41AMR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204H41AMR Datasheet(HTML) 23 Page - Torex Semiconductor

Back Button XC6204H41AMR Datasheet HTML 19Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 20Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 21Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 22Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 23Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 24Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 25Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 26Page - Torex Semiconductor XC6204H41AMR Datasheet HTML 27Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
23/49
XC6204/XC6205
Series
(3) Dropout Voltage vs. Output Current (Continued)
(4) Supply Current vs. Input Voltage
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
●XC6204 (Continued)
* Since the operation of this IC is only guaranteed from VIN=2.0V and above, it is essential that when using with
applications where VOUT=2.0V or less, the difference between VIN and VOUT be at least equal to 2V – VOUT(T).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com