Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB310 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB310
Description  LOW FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB310 Datasheet(HTML) 1 Page - Abracon Corporation

  AB310 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
| | | | | | | | | | | | | | |
AB310
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.25.08
Visit www.abracon.com for Terms & Conditions of Sale
9.8 x 3.2 x 0.8 mm
• High stability by tight vacuum sealing
• Excellent resistant to vibration and shock
• Miniature high frequency cylinder type crystal
• Suitable for wide range of application
• Clocks for microprocessor
• Consumer electronics
• Test equipment
• Computer peripherals
Frequency Tolerance
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
3.50 MHz to 3.99 MHz
Fundamental
± 30 ppm max. (see options)
Frequency
ABRACON P/N
AB310 Series
Operation Mode
Operating Temperature
Storage Temperature
- 40°C to + 85°C
-10°C to + 60°C (see options)
± 50 ppm max. (see options)
200
max.
Equivalent Series Resistance (R1)
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C Per Year
Insulation Resistance
16pF (see options)
100µW max.
500 M
min at 100Vdc ± 15V
5pF max.
± 5ppm max.
LOW FREQUENCY CYLINDRICAL TYPE
MICROPROCESSOR CRYSTAL
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
OUTLINE DRAWING:
Dimensions: Inches
(mm)
E
-0°C to +70°C
B
-20°C to +70°C
D
-40°C to +85°C
5
± 50 ppm
M
Leads
Y
± 30 ppm
Freq. Tolerance
d
e
d
d
A
e
u
l
a
V
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
AB310 - Frequency -
-
-
-
-
-
g
n
i
g
a
k
c
a
P
.
p
m
e
T
g
n
i
t
a
r
e
p
O
Frequency
Freq. Stability
T
Tape and Reel
Please specify CL in pF or S for
Series
XX.XXXX MHz
3.2 max.
0.8±0.2
0.38±0.05


Similar Part No. - AB310

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB310 ABRACON-AB310 Datasheet
69Kb / 1P
HIGH FREQUENCY, CYLINDRICAL TYPE MICROPROCESSOR CRYSTALS
AB310R ABRACON-AB310R Datasheet
375Kb / 1P
HIGH FREQUENCY, CYLINDRICAL TYPE CRYSTALS REFLOWABLE SURFACE MOUNT
logo
Microdiode Semiconducto...
AB310S CHENDA-AB310S Datasheet
741Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB310S CHENDA-AB310S Datasheet
751Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB310S CHENDA-AB310S Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX1V ETC1-MX1V Datasheet
57Kb / 1P
Low Frequency Cylindrical Crystal
logo
Golledge Electronics Lt...
GSCX26 GOLLEDGE-GSCX26 Datasheet
54Kb / 1P
SM Low Frequency Cylindrical Crystal
MX1V-T GOLLEDGE-MX1V-T Datasheet
58Kb / 1P
Low Frequency Cylindrical Crystal
logo
Abracon Corporation
AB15T ABRACON-AB15T Datasheet
115Kb / 1P
LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
05.29.07
AB308 ABRACON-AB308 Datasheet
69Kb / 1P
HIGH FREQUENCY, CYLINDRICAL TYPE MICROPROCESSOR CRYSTALS
AB308 ABRACON-AB308_08 Datasheet
683Kb / 1P
HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
02.15.08
AB308 ABRACON-AB308_15 Datasheet
1Mb / 2P
HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
08.07.14
logo
Golledge Electronics Lt...
GSCX-26 GOLLEDGE-GSCX-26_16 Datasheet
121Kb / 1P
SM Low Frequency Cylindrical Crystal
GCX-26 GOLLEDGE-GCX-26 Datasheet
530Kb / 4P
Low Frequency Cylindrical Leaded Crystal
logo
Abracon Corporation
AB206 ABRACON-AB206 Datasheet
154Kb / 1P
LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com