Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM3B Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM3B
Description  CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3B Datasheet(HTML) 2 Page - Abracon Corporation

  ABM3B Datasheet HTML 1Page - Abracon Corporation ABM3B Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||||||
ABM3B
5.0 X 3.2 X 1.1mm
Pb RoHS
Compliant
CERAMIC SMD CRYSTAL
Dimensions: inch (mm)
OUTLINE DRAWING:
Note: Due to the availability of raw materials, this part
may be manufactured with the chamfer on pin 4. Be
advised that this does not affect the electrical charac-
teristics of the crystal in any way.
Table 2
ABM3B
1.1mm max
ABM3B1
0.8mm max
#1 (Default), #4 (See Note)
Height (mm)
#1 (Default), #4 (See Note)
Chamfer PIN #
Dimensions: mm
TAPE & REEL:
Please see Table 2 below for height and chamfer information.
Chamfer on PIN 1
(Default)
Chamfer on PIN 4
(See Note)
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised (O): 03.11.08
Visit www.abracon.com for Terms & Conditions of Sale



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com