Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP60NE10FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP60NE10FP
Description  N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP60NE10FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP60NE10FP Datasheet HTML 1Page - STMicroelectronics STP60NE10FP Datasheet HTML 2Page - STMicroelectronics STP60NE10FP Datasheet HTML 3Page - STMicroelectronics STP60NE10FP Datasheet HTML 4Page - STMicroelectronics STP60NE10FP Datasheet HTML 5Page - STMicroelectronics STP60NE10FP Datasheet HTML 6Page - STMicroelectronics STP60NE10FP Datasheet HTML 7Page - STMicroelectronics STP60NE10FP Datasheet HTML 8Page - STMicroelectronics STP60NE10FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP60NE10
STP60NE10FP
N - CHANNEL 100V - 0.016
Ω - 60A TO-220/TO-220FP
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.016
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP60NE10
STP60NE10FP
VDS
Drain-source Volt age (VGS = 0)
100
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
100
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC60
30
A
ID
Drain Current (continuous) at Tc =100
oC42
21
A
IDM (
•)
Drain Current (pulsed)
240
120
A
Ptot
Tot al Dissipation at Tc =25
oC
160
50
W
Derating F act or
1.06
0.37
W /
o C
VISO
Insulation Withstand Voltage (DC)
2000
V
dv/dt
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 60 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STP60NE10
STP60NE10FP
100 V
100 V
<0.022
Ω
<0.022
Ω
60 A
30 A
May 1999
TO-220
TO-220FP
1
2
3
1
2
3
1/9


Similar Part No. - STP60NE10FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP60NE10FP ISC-STP60NE10FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP60NE10FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET™ II POWER MOSFET
Jul-2003
STP36NE06 STMICROELECTRONICS-STP36NE06 Datasheet
112Kb / 9P
N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
Jul-1998
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
STP80NF10 STMICROELECTRONICS-STP80NF10 Datasheet
334Kb / 9P
N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET™ I POWER MOSFET
Sep-2002
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
Jul-1999
STW60NE10 STMICROELECTRONICS-STW60NE10 Datasheet
88Kb / 8P
N - CHANNEL 100V - 0.016ohm - 60A TO-247 STripFET POWER MOSFET
Jun-1999
STB60NF06L STMICROELECTRONICS-STB60NF06L_06 Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STB60NF06LT4 STMICROELECTRONICS-STB60NF06LT4 Datasheet
520Kb / 16P
N-channel 60V - 0.012廓 - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com