Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2930 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS2930
Description  150mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2930 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS2930 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2930 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2930
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Voltage
Reverse Voltage (100ms)
-12V
Operating Range
26V
Reverse Voltage (DC)
-6V
Overvoltage Protection
Maximum Junction Temperature
+125
°C
AMS2930A-X, AMS2930C
60V
Storage Temperature
-65
°C to +150°C
AMS2930-X
50V
Lead Temperature (Soldering 25 sec)
265
°C
Internal Power Dissipation (Note 4)
Internally Limited
ESD
2000V
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN=14V, TJ=25°C, C2 = 100µF unless otherwise specified.
PARAMETER
CONDITIONS
AMS2930A-X
Min.
Typ.
Max.
AMS2930-X
Min.
Typ.
Max.
Units
Fixed Output Voltage Versions
Output Voltage Tolerance
-1.0
+1.0
-3.0
+3.0
%
6V
≤V
IN
≤26V, I
O=100 mA
-40
°C ≤T
J
≤125°C
- 3.0
+ 3.0
± 5.0
%
Line Regulation
9V
≤V
IN
≤ 16V
6V
≤V
IN
≤ 26V
2
4
10
30
2
4
10
30
mV
mV
Load Regulation
5mA
≤I
O
≤ 150 mA
14
50
14
50
mV
Dropout Voltage
I
O
= 10 mA
I
O
= 150 mA
0.05
0.3
0.2
0.6
0.05
0.3
0.2
0.6
mV
mV
Quiescent Current
I
O
≤ 10 mA, 6V ≤ V
IN
≤ 26V
-40
°C ≤T
J
≤ 125°C
I
O
= 150 mA, VIN = 14V, TJ = 25°C
5
0.4
15
1.0
30
0.4
15
1.0
mA
mA
Output Noise Voltage
10Hz-100kHz, COUT = 100µA
500
500
µV rms
Output Impedance
100mADC and 10mArms,100Hz=10kHz
160
200
160
200
m
Ω
Long Term Stability
T =1000hr
20
20
mV
Ripple Rejection
fO =120Hz
55
80
80
dB
Maximum Operational Input
Voltage
26
33
26
33
V
Maximum Line Transient
RL = 500Ω, VO ≤ 5.5V
T = 1ms,
τ ≤100ms
60
70
50
70
V
Reverse Polarity Input Voltage,
D/C
-15
-30
-15
-30
V
Reverse Polarity Input Voltage,
Transient
RL = 500Ω, T = 1ms, τ ≤100ms
-50
-80
-50
-80
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com