Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3510 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # MB3510
Description  SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

MB3510 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  MB3510 Datasheet HTML 1Page - UNIOHM CORPORATION MB3510 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 17.5AD.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
MB3505
MB351
MB352
MB354
MB356
MB358 MB3510
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
35
400
10
500
-65
+150
-65
+125
V
A
A
V
* 400 amperes surge capability
* Superior thermal design
* Mounting: Hole thru for #8 screw
* 1/4" universal faston terminal
MB3505 THRU MB3510
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
MB-35
.673(17.1)
.633(16.1)
.480(12.2)
.425(10.8)
.732(18.6)
.692(17.6)
1.181(30.0)
1.102(28.0)
1.181(30.0)
1.102(28.0)
HOLE FOR
NO. 8 SCREW
.452
(11.5)
.582(14.8)
.543(13.8)
.673(17.1)
.633(16.1)
MAX.
.033X.250
(0.8X6.4)
+
AC
AC
35.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
A
A


Similar Part No. - MB3510

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB3510 RECTRON-MB3510 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
Bytes
MB3510 BYTES-MB3510 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB3510 DCCOM-MB3510 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB3510 FORMOSA-MB3510 Datasheet
41Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB3510 MCC-MB3510 Datasheet
86Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB3510

ManufacturerPart #DatasheetDescription
logo
Bytes
MB3505 BYTES-MB3505 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W BYTES-MB3505W Datasheet
151Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB3505 FORMOSA-MB3505 Datasheet
41Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W FORMOSA-MB3505W Datasheet
34Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MP3505 GWSEMI-MP3505 Datasheet
74Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MP3505W GWSEMI-MP3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505 GWSEMI-MB3505 Datasheet
74Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W GWSEMI-MB3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC35005W DGNJDZ-KBPC35005W Datasheet
118Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
GBJ35005 DGNJDZ-GBJ35005 Datasheet
711Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com