Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMC135 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCMC135
Description  Power Choke Coil PCMC series,PCMB series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCMC135 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCMC135 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke Coil
PCMC series,PCMB series
• Small size of 7.3mm 6.6mm and
low tap of 3.0mm max
• Excellent loss characteristics and
high saturation current
PCMC 104T - R56 M N
Materials
Inductance tolerance M
20%
Inductance value (R56 0.56 H, R68 0.68 H)
Part Code
Dimensions (063T 6.6*7.3*3.0mm, 104T 10*11.5*4.0mm,
133E 12.6*13.8*3.5mm,135T 12.6*13.8*5.0mm)
SPECIFICATIONS
PART NUMBER
susumu group catalog
*High speed drive DC/DC inverter for
server, router etc.
*CPU power for note PC and desktop PC
Applications
* The data is measured at 25 C
* Rated current signify current value at temperature raise of 40 C
* Saturation current signify current value at inductance change of 20%
Completely lead free
RoHS compliant
( unit : mm)
L
A
A1
W
B
B1
Mechanical
Equivalent
circuit
0.10
0.20
0.22
0.33
0.47
0.68
0.82
1.00
1.20
1.50
2.20
3.30
4.70
1.50
2.20
4.70
8.20
10.0
Rdc(m )
Typical
1.5
2.4
1.9
3.5
4.0
5.0
6.7
9.0
10.0
14.0
18.0
28.0
37.0
10.8
18.0
32.5
54.0
62.0
1.7
3.0
2.5
3.9
4.2
5.5
8.0
10.0
12.0
15.0
20.0
30.0
40.0
12.0
20.0
35.0
60.0
68.0
32.5
24.0
26.0
20.0
17.5
15.5
13.0
11.0
10.0
9.0
8.0
6.0
5.5
9.0
8.0
5.5
4.5
4.0
60.0
41.0
52.0
30.0
26.0
25.0
24.0
22.0
20.0
18.0
14.0
13.5
10.0
11.5
10.0
6.5
6.0
5.5
MAX.
0.36
0.56
0.88
1.00
1.50
2.20
0.45
10.0
2.20
3.30
4.70
Rdc(m )
Typical
1.1
1.6
2.7
3.0
3.8
6.7
1.1
27.5
5.8
11.0
13.2
1.2
1.8
3.0
3.3
4.2
7.0
1.3
30.0
7.0
13.2
15.0
30.0
25.0
20.0
18.0
16.0
12.0
25.0
6.0
14.0
11.0
10.0
60.0
40.0
38.0
36.0
33.0
27.0
27.0
6.0
16.0
14.5
13.0
MAX.
063 type
0.56
0.68
1.00
2.20
Rdc(m )
Typical
1.8
2.3
3.3
7.2
2.2
2.5
3.5
8.0
29.0
28.0
24.0
16.0
50.0
49.0
40.0
29.0
MAX.
133 type
0.36
0.47
0.50
0.56
0.68
1.00
1.50
2.20
3.30
Rdc(m )
Typical
0.77
1.1
1.2
1.2
1.5
2.1
3.4
4.0
7.7
1.1
1.3
1.5
1.5
1.7
2.5
4.1
5.0
9.2
41.0
38.0
36.0
36.0
34.0
29.0
23.0
20.0
15.0
75.0
65.0
55.0
55.0
54.0
50.0
48.0
35.0
32.0
MAX.
PCMC063
T
PCMB063
T
PCMC133E
PCMC104
T
PCMB104E
PCMC135
T
Electrical
Dimension
(Inch Size)
PCMC133
(5450)
L
W
T
A
A1
B
B1
13.8max.
12.6 0.2
3.5max.
2.5 0.1
2.0 0.5
6.0 0.2
4.0 0.3
PCMC135
(5450)
13.8max.
12.6 0.2
5.0max.
2.5 0.1
2.0 0.5
6.0 0.2
4.0 0.3
104E
11.5max.
10 0.2
2.5 0.1
2.0 0.5
5.0 0.2
3.0 0.2
104T
PCMC104 (4539)
4.0max.
4.5max.
PCMC063
(2926)
7.3max.
6.6 0.2
3.0max.
2.0 0.1
1.3 0.3
3.6 0.2
3.0 0.3
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
104 type
135 type
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance


Similar Part No. - PCMC135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMC135T ETC2-PCMC135T Datasheet
1Mb / 1P
Power choke coils
More results

Similar Description - PCMC135

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
Power Choke Coil
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
Power Choke Coil
logo
List of Unclassifed Man...
PCMC104T ETC2-PCMC104T Datasheet
67Kb / 1P
Power Choke Coil PCMC series,PCMB series
PCMC063T ETC2-PCMC063T Datasheet
67Kb / 1P
Power Choke Coil PCMC series,PCMB series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com