Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204H402DR Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6204H402DR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204H402DR Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6204H402DR Datasheet HTML 10Page - Torex Semiconductor XC6204H402DR Datasheet HTML 11Page - Torex Semiconductor XC6204H402DR Datasheet HTML 12Page - Torex Semiconductor XC6204H402DR Datasheet HTML 13Page - Torex Semiconductor XC6204H402DR Datasheet HTML 14Page - Torex Semiconductor XC6204H402DR Datasheet HTML 15Page - Torex Semiconductor XC6204H402DR Datasheet HTML 16Page - Torex Semiconductor XC6204H402DR Datasheet HTML 17Page - Torex Semiconductor XC6204H402DR Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
14/49
XC6204/XC6205 Series
SYMBOL
E-0
E-1
E-2
OUTPUT VOLTAGE
(V)
(2% products)
DROPOUT VOLTAGE 1 (mV)
IOUT=30mA
DROPOUT VOLTAGE 2 (mV)
IOUT=100mA
Vdif 1
Vdif 2
VOUT
Ta = 25
℃
-40
℃≦Topr≦85℃
Ta = 25
℃
-40
℃≦Topr≦85℃
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
4.00
3.920
4.080
60
80
70
100
180
230
220
310
4.05
3.969
4.131
60
80
70
100
180
230
220
310
4.10
4.018
4.182
60
80
70
100
180
230
220
310
4.15
4.067
4.233
60
80
70
100
180
230
220
310
4.20
4.116
4.284
60
80
70
100
180
230
220
310
4.25
4.165
4.335
60
80
70
100
180
230
220
310
4.30
4.214
4.386
60
80
70
100
180
230
220
310
4.35
4.263
4.437
60
80
70
100
180
230
220
310
4.40
4.312
4.488
60
80
70
100
180
230
220
310
4.45
4.361
4.539
60
80
70
100
180
230
220
310
4.50
4.410
4.590
60
80
70
100
180
230
220
310
4.55
4.459
4.641
60
80
70
100
180
230
220
310
4.60
4.508
4.692
60
80
70
100
180
230
220
310
4.65
4.557
4.743
60
80
70
100
180
230
220
310
4.70
4.606
4.794
60
80
70
100
180
230
220
310
4.75
4.655
4.845
60
80
70
100
180
230
220
310
4.80
4.704
4.896
60
80
70
100
180
230
220
310
4.85
4.753
4.947
60
80
70
100
180
230
220
310
4.90
4.802
4.998
60
80
70
100
180
230
220
310
4.95
4.851
5.049
60
80
70
100
180
230
220
310
5.00
4.900
5.100
50
70
60
90
160
210
200
290
5.05
4.949
5.151
50
70
60
90
160
210
200
290
5.10
4.998
5.202
50
70
60
90
160
210
200
290
5.15
5.047
5.253
50
70
60
90
160
210
200
290
5.20
5.096
5.304
50
70
60
90
160
210
200
290
5.25
5.145
5.355
50
70
60
90
160
210
200
290
5.30
5.194
5.406
50
70
60
90
160
210
200
290
5.35
5.243
5.457
50
70
60
90
160
210
200
290
5.40
5.292
5.508
50
70
60
90
160
210
200
290
5.45
5.341
5.559
50
70
60
90
160
210
200
290
5.50
5.390
5.610
50
70
60
90
160
210
200
290
5.55
5.439
5.661
50
70
60
90
160
210
200
290
5.60
5.488
5.712
50
70
60
90
160
210
200
290
5.65
5.537
5.763
50
70
60
90
160
210
200
290
5.70
5.586
5.814
50
70
60
90
160
210
200
290
5.75
5.635
5.865
50
70
60
90
160
210
200
290
5.80
5.684
5.916
50
70
60
90
160
210
200
290
5.85
5.733
5.967
50
70
60
90
160
210
200
290
5.90
5.782
6.018
50
70
60
90
160
210
200
290
5.95
5.831
6.069
50
70
60
90
160
210
200
290
6.00
5.880
6.120
50
70
60
90
160
210
200
290
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart (Continued)
XC6204 series (Continued) Note: For the XC6204E, F, G, H series, see the item “Ta=25℃” only.
PARAMETER
SETTING
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com