Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7375IPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPW
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPW Datasheet(HTML) 2 Page - Texas Instruments

  THS7375IPW Datasheet HTML 1Page - Texas Instruments THS7375IPW Datasheet HTML 2Page - Texas Instruments THS7375IPW Datasheet HTML 3Page - Texas Instruments THS7375IPW Datasheet HTML 4Page - Texas Instruments THS7375IPW Datasheet HTML 5Page - Texas Instruments THS7375IPW Datasheet HTML 6Page - Texas Instruments THS7375IPW Datasheet HTML 7Page - Texas Instruments THS7375IPW Datasheet HTML 8Page - Texas Instruments THS7375IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
THS7375
SBOS449 – SEPTEMBER 2008......................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
TRANSPORT MEDIA, QUANTITY
ECO STATUS(2)
THS7375IPW
Rails, 90
TSSOP-14
Pb-Free, Green
THS7375IPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
These packages conform to Lead (Pb)-free and green manufacturing specifications. Additional details including specific material
contentcan be accessed at www.ti.com/leadfree.
GREEN: TI defines Green to mean Lead (Pb)-Free and in addition, uses less package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1% of total product weight. N/A: Not yet available Lead (Pb)-Free; for estimated conversion
dates, go to www.ti.com/leadfree. Pb-FREE: TI defines Lead (Pb)-Free to mean RoHS compatible, including a lead concentration that
does not exceed 0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering
processes.
Over operating free-air temperature range unless otherwise noted.
THS7375
UNIT
Supply voltage, VS+ to GND
5.5
V
Input voltage, VI
–0.4 to VS+
V
Output current, IO
±90
mA
Continuous power dissipation
See Dissipation Ratings Table
Maximum junction temperature, any condition(2) TJ
+150
°C
Maximum junction temperature, continuous operation, long-term reliability(3), TJ
+125
°C
Storage temperature range, TSTG
–65 to +150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
+300
°C
Human body model (HBM)
2000
V
ESD ratings
Charged device model (CDM)
1000
V
Machine model
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(3)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and/or lifetime of the device.
θ
JC
θ
JA
AT TA ≤ +25°C
AT TA = +85°C
PACKAGE
(°C/W)
(°C/W)
POWER RATING(1)
POWER RATING(1)
TSSOP-14 (PW)
35
115(2)
870 mW
348 mW
(1)
Power rating is determined with a junction temperature of +125°C. This is the point where performance starts to degrade and long-term
reliability starts to be reduced. Thermal management of the final PCB should strive to keep the junction temperature at or below +125°C
for best performance and reliability.
(2)
These data were taken with the JEDEC High-K test printed circuit board (PCB). For the JEDEC low-K test PCB, the
θ
JA is +185°C.
MIN
NOM
MAX
UNIT
Supply voltage, VS+
3
5
V
Ambient temperature, TA
–40
+85
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com