Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP7NC70Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP7NC70Z
Description  N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NC70Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP7NC70Z Datasheet HTML 1Page - STMicroelectronics STP7NC70Z Datasheet HTML 2Page - STMicroelectronics STP7NC70Z Datasheet HTML 3Page - STMicroelectronics STP7NC70Z Datasheet HTML 4Page - STMicroelectronics STP7NC70Z Datasheet HTML 5Page - STMicroelectronics STP7NC70Z Datasheet HTML 6Page - STMicroelectronics STP7NC70Z Datasheet HTML 7Page - STMicroelectronics STP7NC70Z Datasheet HTML 8Page - STMicroelectronics STP7NC70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
STP7NC70Z - STP7NC70ZFP - STB7NC70Z - STB7NC70Z-1
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
GATE-SOURCE ZENER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3.
∆VBV = αT(25°-T) BVGSO(25°)
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally
be applied from gate to source. In this respect the Zener voltage is appropiate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
Rise Time
VDD =350 V, ID = 3.5 A
RG = 4.7Ω VGS =10V
(see test circuit, Figure 3)
24
ns
tr
8ns
Qg
Total Gate Charge
VDD =560V, ID = 7A,
VGS =10V
47
66
nC
Qgs
Gate-Source Charge
11
nC
Qgd
Gate-Drain Charge
19
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 560V, ID =7 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
11
ns
tf
Fall Time
10
ns
tc
Cross-over Time
19
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
6
A
ISDM (2)
Source-drain Current (pulsed)
24
A
VSD (1)
Forward On Voltage
ISD = 6 A, VGS =0
1.6
V
trr
Reverse Recovery Time
ISD = 7A, di/dt = 100A/µs,
VDD =50V, Tj = 150°C
(see test circuit, Figure 5)
575
ns
Qrr
Reverse Recovery Charge
5.8
µC
IRRM
Reverse Recovery Current
20
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
25
V
αT
Voltage Thermal Coefficient
T=25°C Note(3)
1.3
10-4/°C
Rz
Dynamic Resistance
ID =50mA, VGS =0
90
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com