Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3205ZLPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF3205ZLPBF
Description  AUTOMOTIVE MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3205ZLPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF3205ZLPBF Datasheet HTML 2Page - International Rectifier IRF3205ZLPBF Datasheet HTML 3Page - International Rectifier IRF3205ZLPBF Datasheet HTML 4Page - International Rectifier IRF3205ZLPBF Datasheet HTML 5Page - International Rectifier IRF3205ZLPBF Datasheet HTML 6Page - International Rectifier IRF3205ZLPBF Datasheet HTML 7Page - International Rectifier IRF3205ZLPBF Datasheet HTML 8Page - International Rectifier IRF3205ZLPBF Datasheet HTML 9Page - International Rectifier IRF3205ZLPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IRF3205ZS/LPbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
50
100
150
200
250
300
350
ID
TOP
27A
47A
BOTTOM 66A
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
ID = 250µA
1K
VCC
DUT
0
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com