Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3421 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3421 Datasheet HTML 1Page - National Semiconductor (TI) LM3421 Datasheet HTML 2Page - National Semiconductor (TI) LM3421 Datasheet HTML 3Page - National Semiconductor (TI) LM3421 Datasheet HTML 4Page - National Semiconductor (TI) LM3421 Datasheet HTML 5Page - National Semiconductor (TI) LM3421 Datasheet HTML 6Page - National Semiconductor (TI) LM3421 Datasheet HTML 7Page - National Semiconductor (TI) LM3421 Datasheet HTML 8Page - National Semiconductor (TI) LM3421 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
January 26, 2009
LM3421, LM3423
N-Channel Controllers for Constant Current LED Drivers
General Description
The LM3421/LM3423 devices are versatile high voltage LED
driver controllers. With the capability to be configured in a
Buck, Boost, Buck-Boost (Flyback), or SEPIC topology, and
an input operating voltage rating of 75V, these controllers are
ideal for illuminating LEDs in a very diverse, large family of
applications.
Adjustable high-side current sense with a typical sense volt-
age of 100mV allows for tight regulation of the LED current
with the highest efficiency possible. Output LED current reg-
ulation is based on peak current-mode control with predictive
Off-Time Control. This method of control eases the design of
loop compensation while providing inherent input voltage
feed-forward compensation.
The LM3421/LM3423 include a high-voltage startup regulator
that operates over a wide input range of 4.5V to 75V. The
internal PWM controller is designed for adjustable switching
frequencies of up to 2.0MHz, thus enabling compact solu-
tions. Additional features include: “zero” current shutdown,
precision reference, logic compatible DIM input suitable for
fast PWM dimming, cycle-by-cycle current limit, and thermal
shutdown.
The LM3423 also includes an LED output status flag, a fault
flag, a programmable fault timer, and a logic input to select
the polarity of the dimming output driver.
Features
V
IN range from 4.5V to 75V
2% Internal reference voltage (1.235V)
Current sense voltage adjustable from 20mV
High-side current sensing
2Ω MOSFET gate driver
Dimming MOSFET gate driver
Input under-voltage protection
Over-voltage protection
Low shutdown current, I
Q < 1µA
Fast (50kHz) PWM dimming
Cycle-by-cycle current limit
Programmable switching frequency
LED output status flag (LM3423 only)
Fault timer pin (LM3423 only)
TSSOP EP 16-lead package (LM3421)
TSSOP EP 20-lead package (LM3423)
Applications
LED Drivers
Constant-Current Buck-Boost Regulator
Constant-Current Boost Regulator
Constant-Current Flyback Regulator
Constant-Current SEPIC Regulator
Thermo-Electric Cooler (Peltier) Driver
Typical Application Circuit
30067331
Boost LED Driver
© 2009 National Semiconductor Corporation
300673
www.national.com


Similar Part No. - LM3421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
906Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
6Mb / 20P
LM3421 SEPIC LED Driver Evaluation Board for Automotive Applications
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
1Mb / 65P
N-Channel Controllers for Constant Current LED Drivers
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
1Mb / 48P
N-Channel Controllers for Constant Current LED Drivers
More results

Similar Description - LM3421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
N-Channel Controller for Constant Current LED Drivers
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
National Semiconductor ...
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
N-Channel Controllers for Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
LM3429Q1 N-Channel Controller for Constant Current LED Drivers
LM3421 TI1-LM3421_14 Datasheet
1Mb / 65P
N-Channel Controllers for Constant Current LED Drivers
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
N-Channel Controllers for Constant-Current LED Drivers
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
N-Channel Controller for Constant Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com