Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4072 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4072
Description  Wide Input 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4072 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4072 Datasheet HTML 1Page - Active-Semi, Inc ACT4072 Datasheet HTML 2Page - Active-Semi, Inc ACT4072 Datasheet HTML 3Page - Active-Semi, Inc ACT4072 Datasheet HTML 4Page - Active-Semi, Inc ACT4072 Datasheet HTML 5Page - Active-Semi, Inc ACT4072 Datasheet HTML 6Page - Active-Semi, Inc ACT4072 Datasheet HTML 7Page - Active-Semi, Inc ACT4072 Datasheet HTML 8Page - Active-Semi, Inc ACT4072 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACT4072
Rev2, 27-May-08
Active-Semi
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
As seen in the Functional Block Diagram, the
ACT4072 is a current mode pulse width modulation
(PWM) converter. The converter operates as fol-
lows:
A switching cycle starts when the rising edge of the
Oscillator clock output causes the High-Side Power
Switch to turn on and the Low-Side Power Switch to
turn off. With the SW side of the inductor now con-
nected to IN, the inductor current ramps up to store
energy in its magnetic field. The inductor current
level is measured by the Current Sense Amplifier
and added to the Oscillator ramp signal. If the result-
ing summation is higher than the COMP voltage, the
output of the PWM Comparator goes high. When
this happens or when Oscillator clock output goes
low, the High-Side Power Switch turns off and the
Low-Side Power Switch turns on. At this point, the
SW side of the inductor swings to a diode voltage
below ground, causing the inductor current to de-
crease and magnetic energy to be transferred to the
output. This state continues until the cycle starts
again.
The High-Side Power Switch is driven by logic using
the BS bootstrap pin as the positive rail. This pin is
charged to VSW + 6V when the Low-Side Power
Switch turns on.
The COMP voltage is the integration of the error
between the FB input and the internal 1.222V refer-
ence. If FB is lower than the reference voltage,
COMP tends to go higher to increase current to the
output. Current limit happens when COMP reaches
its maximum clamp value of 2.55V.
The Oscillator normally switches at 420kHz. How-
ever, if the FB voltage is less than 0.7V, then the
switching frequency decreases until it reaches a
minimum of 60kHz at VFB = 0.5V.
Shutdown Control
The ACT4072 has an enable input EN for turning
the IC on or off. When EN is less than 0.7V, the IC
is in 6µA low current shutdown mode and the out-
put is discharged through the Low-Side Power
Switch. When EN is higher than 1.3V, the IC is in
normal operation mode. EN is internally pulled up
with a 2µA current source and can be left uncon-
nected for always-on operation.
Thermal Shutdown
The ACT4072 automatically turns off when its junc-
tion temperature exceeds 160°C.
IN
EN
COMP
FB
BS
SW
LOGIC
THERMAL
SHUTDOWN
REGULATOR
&
REFERENCE
+
-
OSCILLATOR
&
RAMP
FOLDBACK
CONTROL
1.222V
ERROR
AMPLIFIER
2µA
ENABLE
0.13O
HIGH-SIDE
POWER
SWITCH
G
+- + -
-
+
PWM
COMP
CURRENT SENSE
AMPLIFIER
10O LOW-SIDE
POWER SWITCH
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com