Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4012A Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4012A
Description  Wide Input 1.5A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4012A Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4012A Datasheet HTML 2Page - Active-Semi, Inc ACT4012A Datasheet HTML 3Page - Active-Semi, Inc ACT4012A Datasheet HTML 4Page - Active-Semi, Inc ACT4012A Datasheet HTML 5Page - Active-Semi, Inc ACT4012A Datasheet HTML 6Page - Active-Semi, Inc ACT4012A Datasheet HTML 7Page - Active-Semi, Inc ACT4012A Datasheet HTML 8Page - Active-Semi, Inc ACT4012A Datasheet HTML 9Page - Active-Semi, Inc ACT4012A Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ACT4012A
Rev0, 16-May-08
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com. For other inquiries, please send to:
1270 Oakmead Parkway, Suite 310, Sunnyvale, California 94085-4044, USA
PACKAGE OUTLINE
SOP-8 PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
B
0.330
0.510
0.013
0.020
C
0.190
0.250
0.007
0.010
D
4.700
5.100
0.185
0.201
E
3.800
4.000
0.150
0.157
E1
5.800
6.300
0.228
0.248
e
1.270 TYP
0.050 TYP
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
θ
C
D
B
e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com