Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4072SH Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4072SH
Description  Wide Input 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4072SH Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4072SH Datasheet HTML 1Page - Active-Semi, Inc ACT4072SH Datasheet HTML 2Page - Active-Semi, Inc ACT4072SH Datasheet HTML 3Page - Active-Semi, Inc ACT4072SH Datasheet HTML 4Page - Active-Semi, Inc ACT4072SH Datasheet HTML 5Page - Active-Semi, Inc ACT4072SH Datasheet HTML 6Page - Active-Semi, Inc ACT4072SH Datasheet HTML 7Page - Active-Semi, Inc ACT4072SH Datasheet HTML 8Page - Active-Semi, Inc ACT4072SH Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACT4072
Rev2, 27-May-08
Active-Semi
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4072SH
-40°C to 85°C
SOP-8
8
TUBE
ACT4072SH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTIONS
SOP-8
PIN
NUMBER
PIN NAME
PIN DESCRIPTION
1
BS
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver. Con-
nect a 10nF between this pin and SW.
2
IN
Input Supply. Bypass this pin to G with a low ESR capacitor. See Input Capacitor in Ap-
plication Information
section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
G
Ground.
5
FB
Feedback Input. The voltage at this pin is regulated to 1.222V. Connect to the resistor
divider between the output and ground to set output voltage.
6
COMP
Compensation Pin. See Compensation Techniques in Application Information section.
7
EN
Enable Input. Drive higher than 1.3V or leave unconnected to enable the IC. Drive lower
than 0.7V to disable the IC. When disabled, the IC is in 6µA low current shutdown mode
and the output is discharged through the Low-Side Power Switch. This pin has a small
internal pull up current to a high level voltage when pin is not connected.
8
N/C
Not Connected.
8
7
6
5
1
2
3
4
BS
IN
SW
G
FB
COMP
EN
N/C
ACT4072SH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com