Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4088 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4088 Datasheet HTML 1Page - Active-Semi, Inc ACT4088 Datasheet HTML 2Page - Active-Semi, Inc ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACT4088
Rev0, 13-May-08
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ORDERING INFORMATION
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4088US-T
-40°C to 85°C
SOT23-6
6
TAPE & REEL
TOP MARK
FRWJ
SOT23-6
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
SW
Switch Output. Connect this pin to the switching end of the inductor.
2
IN
Power supply input. Bypass this pin with a 10µF ceramic capacitor to G, placed as
close to the IC as possible.
3
EN
Enable Input. EN is pulled up to 5V with a 2µA current, and contains a precise 1.24V
logic threshold. Drive this pin to a logic-high or leave unconnected to enable the IC.
Drive to a logic-low to disable the IC and enter micro-power shutdown mode.
4
FB
Feedback Input. The voltage at this pin is regulated to 0.81V. Connect to the center
point of a resistive voltage-divider between OUT and G to set the output voltage.
5
G
Ground and Heat sink. Connect this pin to a large, uncovered PCB copper area for
best heat dissipation.
6
BST
Bootstrap. This pin acts as the power supply for the high-side switch’s gate driver.
Connect a 22nF capacitor between this pin and SW.
6
5
4
1
2
3
ACT4088
BST
G
FB
SW
IN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com