Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP9NB60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP9NB60
Description  N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NB60 Datasheet(HTML) 1 Page - STMicroelectronics

  STP9NB60 Datasheet HTML 1Page - STMicroelectronics STP9NB60 Datasheet HTML 2Page - STMicroelectronics STP9NB60 Datasheet HTML 3Page - STMicroelectronics STP9NB60 Datasheet HTML 4Page - STMicroelectronics STP9NB60 Datasheet HTML 5Page - STMicroelectronics STP9NB60 Datasheet HTML 6Page - STMicroelectronics STP9NB60 Datasheet HTML 7Page - STMicroelectronics STP9NB60 Datasheet HTML 8Page - STMicroelectronics STP9NB60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP9NB60
STP9NB60FP
N - CHANNEL 600V - 0.7
Ω - 9A TO-220/TO220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.7
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
January 2000
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP9NB60
STP9NB60F P
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
600
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (cont inuous) at Tc =25
oC9.0
9.0(*)
A
ID
Drain Current (cont inuous) at Tc =100
oC5.7
5.7(*)
A
IDM (
•)
Drain Current (pulsed)
36
36
A
Ptot
T otal Dissipation at Tc =25
oC
125
40
W
Derat ing F act or
1.0
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
2000
V
Tstg
St orage Temperature
-65 to 150
o C
Tj
Max. O perat ing Junction Temperat ure
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 9A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(*)
Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
ST P9NB60
ST P9NB60FP
600 V
600 V
<0.8
Ω
<0.8
Ω
9.0 A
9.0 A
1/9


Similar Part No. - STP9NB60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP9NB60 VBSEMI-STP9NB60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
STP9NB60 ISC-STP9NB60 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
STP9NB60FP ISC-STP9NB60FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP9NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC40 STMICROELECTRONICS-IRFBC40 Datasheet
92Kb / 8P
N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET
Aug-1998
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
N-CHANNEL 12A - 600V TO-220 PowerMESH™ IGBT
Jul-2003
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
Jun-2000
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STP9NC60 STMICROELECTRONICS-STP9NC60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 0.6ohm - 9A TO-220/TO-220FP PowerMESHII MOSFET
Feb-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com