Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB45 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB45
Description  Hi-Speed USB2.0 (480Mbps) Switch with Dedicated Charger Port Detect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB45 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB45 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB45 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
July 2008
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB45 • Rev. 1.0.5
FSUSB45 — Hi-Speed USB2.0 (480Mbps) Switch with
Dedicated Charger Port Detect
Features
Low On Capacitance: 7.0pF Typical
Low On Resistance: 3.9Ω Typical
Low Power Consumption: 1μA Maximum
-
15μA Maximum ICCT over an Expanded Voltage
Range (VIN=1.8V, VCC=4.3V)
Wide -3db Bandwidth: > 720MHz
Packaged in:
-
10-Lead MicroPak™ (1.6 x 2.1mm)
-
10-Lead UMLP (1.4 x 1.8mm)
8kV ESD Rating, >16kV Power/GND ESD Rating
Power-Off Protection on All Ports When VCC=0V
-
D+/D- Pins Tolerate up to 5.25V
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-top Box
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Description
The FSUSB45 is a bi-directional, low-power, two-port,
Hi-Speed, USB2.0 switch. Configured as a double-pole,
double-throw (DPDT) switch, it is optimized for
switching between two Hi-Speed (480Mbps) sources or
a Hi-Speed source and a Full-Speed (12Mbps) source.
The FSUSB45 is compatible with the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 7.0pF. The wide bandwidth of this device
(720MHz) exceeds the bandwidth needed to pass the
third harmonic, resulting in signals with minimum edge
and phase distortion. Superior channel-to-channel
crosstalk also minimizes interference.
The FSUSB45 contains special circuitry on the switch
I/O pins for applications where the VCC supply is
powered-off (VCC=0), which allows the device to
withstand an over-voltage condition. This device is
designed to minimize current consumption even when
the control voltage applied to the SEL pin is lower than
the supply voltage (VCC). This feature is especially
valuable to mobile applications, such as cell phones,
allowing for direct interface with the general-purpose
I/Os of the baseband processor. An additional feature is
the detection of the 1,1 state on D+/D- to signal an
interrupt (INT) to the processor when entering a
dedicated charging port mode of operation.
Figure 1. Analog Symbol
Ordering Information
Part Number
Top
Mark
Operating
Temperature Range
Eco Status
Package
FSUSB45L10X
JA
-40 to +85°C
RoHS
10-Lead MicroPak™ 1.6 x 2.1mm,
JEDEC MO-255B
FSUSB45UMX
JB
-40 to +85°C
Green
10-Lead, Quad, Ultrathin Molded Leadless
Package (UMLP), 1.4 x 1.8mm
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FSUSB45

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB45 ONSEMI-FSUSB45 Datasheet
716Kb / 12P
High-Speed USB2.0 Switch with Dedicated Charger Port Detect
July 2013 Rev. 1.0.7
FSUSB45L10X ONSEMI-FSUSB45L10X Datasheet
716Kb / 12P
High-Speed USB2.0 Switch with Dedicated Charger Port Detect
July 2013 Rev. 1.0.7
FSUSB45UMX ONSEMI-FSUSB45UMX Datasheet
716Kb / 12P
High-Speed USB2.0 Switch with Dedicated Charger Port Detect
July 2013 Rev. 1.0.7
More results

Similar Description - FSUSB45

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB46 FAIRCHILD-FSUSB46 Datasheet
448Kb / 2P
Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
logo
ON Semiconductor
FSUSB45 ONSEMI-FSUSB45 Datasheet
716Kb / 12P
High-Speed USB2.0 Switch with Dedicated Charger Port Detect
July 2013 Rev. 1.0.7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com