Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6756D Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 16Page - STMicroelectronics L6756D Datasheet HTML 17Page - STMicroelectronics L6756D Datasheet HTML 18Page - STMicroelectronics L6756D Datasheet HTML 19Page - STMicroelectronics L6756D Datasheet HTML 20Page - STMicroelectronics L6756D Datasheet HTML 21Page - STMicroelectronics L6756D Datasheet HTML 22Page - STMicroelectronics L6756D Datasheet HTML 23Page - STMicroelectronics L6756D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Output voltage positioning
L6756D
20/36
5
Output voltage positioning
Output voltage positioning is performed by selecting the controller operation mode (VR10,
VR11 or VR11.1) and by programming the droop function and offset to the reference of both
the sections (See Figure 6). The controller reads the current delivered by monitoring the
voltage drop across the Inductors DCR. The current (IDROOP) sourced from the DROOP pin,
directly proportional to the read current, causes the output voltage to vary according to the
external RFB resistor so implementing the desired load-line effect. A fixed current (IOS) is
sunk through the VSEN pins causing the output voltage to be offset according to the
resistance ROS connected.
L6756D allows to recover from GND losses in order to regulate remotely the programmed
voltage without any additional external components. In this way, the output voltage
programmed is regulated compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Both DROOP and OFFSET function can be disabled. In case DROOP effect is not desired,
the current information source from the DROOP pin may be used to implement a secondary
load indicator as reported in Section 5.3.
Figure 6.
Voltage positioning
5.1
Phase # programming
L6756D implements a flexible 2 to 4 interleaved-phase converter. To program the desired
number of phase, refer to Table 8.
For the disabled phase(s), the current reading pins need to be properly connected to avoid
errors in current-sharing and voltage-positioning: CSx needs to be connected to the regu-
lated output voltage while CSxN needs to be connected to CSx with the same RG resistor
used for the other phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com