Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L20M Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1L20M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L20M Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1L20M Datasheet HTML 1Page - STMicroelectronics STPS1L20M Datasheet HTML 2Page - STMicroelectronics STPS1L20M Datasheet HTML 3Page - STMicroelectronics STPS1L20M Datasheet HTML 4Page - STMicroelectronics STPS1L20M Datasheet HTML 5Page - STMicroelectronics STPS1L20M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STPS1L20M
4/6
Figure 9: Junction capacitance versus reverse
voltage applied (typical values)
Figure
10: Forward voltage drop versus
forward current
Figure 11: Thermal resistance junction to
ambient versus copper surface under tab
(epoxy printed board FR4, Cu = 35µm, typical
values)
C(pF)
10
100
1000
1
10
100
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
I
(A)
FM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
V
(V)
FM
T =25°C
(maximum values)
j
T =85°C
(maximum values)
j
T =85°C
(typical values)
j
R
(°C/W)
th(j-a)
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
180
200
S(mm²)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com