Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6200C Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 3Page - STMicroelectronics ST6200C Datasheet HTML 4Page - STMicroelectronics ST6200C Datasheet HTML 5Page - STMicroelectronics ST6200C Datasheet HTML 6Page - STMicroelectronics ST6200C Datasheet HTML 7Page - STMicroelectronics ST6200C Datasheet HTML 8Page - STMicroelectronics ST6200C Datasheet HTML 9Page - STMicroelectronics ST6200C Datasheet HTML 10Page - STMicroelectronics ST6200C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
ST6200C/ST6201C/ST6203C
7/100
2 PIN DESCRIPTION
Figure 2. 16-Pin Package Pinout
Table 1. Device Pin Description
Legend / Abbreviations for Table 1:
* Depending on device. Please refer to I/O Port section.
I = input, O = output, S = supply, IPU = input pull-up
The input with pull-up configuration (reset state) is valid as long as the user software does not change it.
Refer to Section 8 "I/O PORTS" on page 36 for more details on the software configuration of the I/O ports.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VDD
PB5/Ain*
Ain*/PB6
Ain*/PB7
RESET
VPP
NMI
OSCout
OSCin
VSS
PB3/Ain*
PB1
PB0
PA3/20mA Sink
PA2/20mA Sink
PA1/20mA Sink
it2
it1
itX associated interrupt vector
* Depending on device. Please refer to I/O Port section.
it2
Pin n°
Pin Name
Main Function
(after Reset)
Alternate Function
1
VDD
S
Main power supply
2
OSCin
I
External clock input or resonator oscillator inverter input
3
OSCout
O
Resonator oscillator inverter output or resistor input for RC oscillator
4
NMI
I
Non maskable interrupt (falling edge sensitive)
5VPP
Must be held at Vss for normal operation, if a 12.5V level is applied to the pin
during the reset phase, the device enters EPROM programming mode.
6
RESET
I/O
Top priority non maskable interrupt (active low)
7
PB7/Ain*
I/O
Pin B7 (IPU)
Analog input
8
PB6/Ain*
I/O
Pin B6 (IPU)
Analog input
9
PB5/Ain*
I/O
Pin B5 (IPU)
Analog input
10
PB3/Ain*
I/O
Pin B3 (IPU)
Analog input
11
PB1
I/O
Pin B1 (IPU)
12
PB0
I/O
Pin B0 (IPU)
13
PA3/ 20mA Sink
I/O
Pin A3 (IPU)
14
PA2/ 20mA Sink
I/O
Pin A2 (IPU)
15
PA1/ 20mA Sink
I/O
Pin A1 (IPU)
16
VSS
S
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com