Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5970AD Datasheet(PDF) 10 Page - STMicroelectronics

Part # A5970AD
Description  Up to 1 A switch step down switching regulator for automotive applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5970AD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A5970AD Datasheet HTML 6Page - STMicroelectronics A5970AD Datasheet HTML 7Page - STMicroelectronics A5970AD Datasheet HTML 8Page - STMicroelectronics A5970AD Datasheet HTML 9Page - STMicroelectronics A5970AD Datasheet HTML 10Page - STMicroelectronics A5970AD Datasheet HTML 11Page - STMicroelectronics A5970AD Datasheet HTML 12Page - STMicroelectronics A5970AD Datasheet HTML 13Page - STMicroelectronics A5970AD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
A5970AD
10/16
Figure 5.
Current limitation circuitry
4.5
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage
reference (1.235 V), while the inverting input (FB) is connected to the external divider or
directly to the output voltage. The output (COMP) is connected to the external compensation
network.
The uncompensated error amplifier has the following characteristics:
Table 5.
Uncompensated error amplifier
Note:
The error amplifier output is compared with the oscillator sawtooth to perform PWM control.
4.6
PWM comparator and power stage
This block compares the oscillator sawtooth and the error amplifier output signals
generating the PWM signal for the driving stage. The power stage is a very critical block
cause it has to guarantee a correct turn on and turn OFF of the PDMOS. The turn ON of the
power element, or better, the rise time of the current at turn on, is a very critical parameter to
compromise.
At a first approach, it looks like the faster it is the rise time, the lower are the turn on losses.
But there is a limit introduced by the recovery time of the recirculation diode. In fact when the
current of the power element equals the inductor current, the diode turns off and the drain of
the power is free to go high. But during its recovery time, the diode can be considered as an
Tranconductance
2300
μS
Low frequency gain
65 dB
Minimum sink/source voltage
1500
μA/300 μA
Output voltage swing
0.4 V/3.65 V
Input bias current
2.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com