Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST232B Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST232B
Description  5 V powered multi-channel RS-232 drivers and receiversr
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST232B_08 Datasheet HTML 4Page - STMicroelectronics ST232B_08 Datasheet HTML 5Page - STMicroelectronics ST232B_08 Datasheet HTML 6Page - STMicroelectronics ST232B_08 Datasheet HTML 7Page - STMicroelectronics ST232B_08 Datasheet HTML 8Page - STMicroelectronics ST232B_08 Datasheet HTML 9Page - STMicroelectronics ST232B_08 Datasheet HTML 10Page - STMicroelectronics ST232B_08 Datasheet HTML 11Page - STMicroelectronics ST232B_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Typical performance characteristics
ST232B - ST232C
8/19
5
Typical performance characteristics
(Unless otherwise specified TJ = 25 °C)
Figure 3.
Supply current vs temperature
Figure 4.
Data rate vs temperature
Figure 5.
Receiver propagation delay
Figure 6.
Driver propagation delay
Figure 7.
High level output voltage swing vs
temperature
Figure 8.
Low level output voltage swing vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com