Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST232BDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST232BDR
Description  5 V powered multi-channel RS-232 drivers and receiversr
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232BDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST232BDR Datasheet HTML 1Page - STMicroelectronics ST232BDR Datasheet HTML 2Page - STMicroelectronics ST232BDR Datasheet HTML 3Page - STMicroelectronics ST232BDR Datasheet HTML 4Page - STMicroelectronics ST232BDR Datasheet HTML 5Page - STMicroelectronics ST232BDR Datasheet HTML 6Page - STMicroelectronics ST232BDR Datasheet HTML 7Page - STMicroelectronics ST232BDR Datasheet HTML 8Page - STMicroelectronics ST232BDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2008
Rev 14
1/19
19
ST232B
ST232C
5 V powered multi-channel RS-232 drivers and receivers
Features
■ Supply voltage range: 4.5 to 5.5 V
■ Supply current no load (typ.): 5 mA
■ Transmitter output voltage swing (typ): ±7.8 V
■ Controlled output slew rate
■ Receiver input voltage range: ± 30 V
■ Data rate (typ.): 220 kbps
■ Operating temperature range:
– -40 ° to 85 °C
– 0 ° to 70 °C
■ Compatible with MAX232 and MAX202
Description
The ST232 is a 2 driver, 2 receiver device
following EIA/TIA-232 and V.28 communication
standard. It is particularly suitable for applications
where ±12 V is not available. The ST232 uses a
single 5 V power supply and only four external
capacitors (0.1 µF). Typical applications are in:
portable computers, low power modems,
interfaces translation, battery powered RS-232
system, multi-drop RS-232 networks.
SOP Large
DIP
TSSOP
SOP
Table 1.
Device summary
Order code
Temperature
range
Package
Packaging
ST232CN
0 to 70 °C
DIP-16
25 parts per tube / 40 tube per box
ST232CDR
0 to 70 °C
SO-16 (tape and reel)
2500 parts per reel
ST232BDR
-40 to 85 °C
SO-16 (tape and reel)
2500 parts per reel
ST232CWR
0 to 70 °C
SO-16 Large (tape and reel)
1000 parts per reel
ST232BWR
-40 to 85 °C
SO-16 Large (tape and reel)
1000 parts per reel
ST232CTR
0 to 70 °C
TSSOP16 (tape and reel)
2500 parts per reel
ST232BTR
-40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST232BDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232BDR STMICROELECTRONICS-ST232BDR Datasheet
93Kb / 11P
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
Feb-2001
ST232BDR STMICROELECTRONICS-ST232BDR Datasheet
337Kb / 19P
5V Powered multi-channel RS-232 drivers and receivers
27-Oct-2006
logo
Guangdong Youtai Semico...
ST232BDR UMW-ST232BDR Datasheet
959Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
More results

Similar Description - ST232BDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202B STMICROELECTRONICS-ST202B_08 Datasheet
711Kb / 17P
5 V powered multi-channel RS-232 drivers and receivers
11-Feb-2008
logo
Guangdong Youtai Semico...
MAX232ACSE UMW-MAX232ACSE Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232CSE UMW-MAX232CSE Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232D UMW-MAX232D Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232DR UMW-MAX232DR Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232ESE UMW-MAX232ESE Datasheet
943Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232IDR UMW-MAX232IDR Datasheet
929Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
SP232E UMW-SP232E Datasheet
961Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
ST232 UMW-ST232 Datasheet
959Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
ADM232AARNZ UMW-ADM232AARNZ Datasheet
960Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com