Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3243C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3243C
Description  3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243C Datasheet(HTML) 1 Page - STMicroelectronics

  ST3243C Datasheet HTML 1Page - STMicroelectronics ST3243C Datasheet HTML 2Page - STMicroelectronics ST3243C Datasheet HTML 3Page - STMicroelectronics ST3243C Datasheet HTML 4Page - STMicroelectronics ST3243C Datasheet HTML 5Page - STMicroelectronics ST3243C Datasheet HTML 6Page - STMicroelectronics ST3243C Datasheet HTML 7Page - STMicroelectronics ST3243C Datasheet HTML 8Page - STMicroelectronics ST3243C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2007
Rev 8
1/22
22
ST3243B
ST3243C
3 to 5.5 V, 400 Kbps, RS-232 transceiver
with auto-power-down
Features
1 µA supply current achieved when in auto-
power-down
250 kbps minimum guaranteed data rate
Guaranteed 6 V/µs slew rate range
Guaranteed mouse drive ability
0.1 µF external capacitors
Meet EIA/TIA-232 specifications down to 3 V
Available in SSOP-28 and TSSOP28
Description
The ST3243 device consists of 3 drivers, 5
receivers and a dual charge-pump circuit. The
device meets the requirements of EIA/TIA and
V.28/V.24 communication standards providing
high data rate capability.
The receiver R2 is always active to implement a
wake-up feature for serial port.
The ST3243 has a proprietary low-dropout
transmitter output stage enabling true RS-232
performance from a 3.0 V to 5.5 V supply with a
dual charge pump. The device is guaranteed to
run at data rates of 250 kbps while maintaining
RS-232 output levels.
The Auto-power-down feature functions when
FORCEON is low and FORCEOFF is high. During
this mode of operation, if the device does not
sense a valid RS-232 signal, the driver outputs
are disabled. If FORCEOFF is set low, both
drivers and receivers (expert R2B) are shut off,
and supply current is reduced to 1 mA.
Disconnecting the serial port or turning off the
peripheral drives causes the auto-power-down
condition to occur.
Auto-power-down can be disabled when
FORCEON and FORCEOFF are high, and should
be done when driving a serial mouse. With Auto-
power-down enabled, the device is activated
automatically when a valid signal is applied to any
receiver input.
Typical application are in notebook, sub-
notebook, palmtop computers, battery-powered
equipment, hand-held equipment, peripherals and
printers.
SSOP
TSSOP
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
ST3243CPR
0 to 70 °C
SSOP-28 (tape and reel)
1350 parts per reel
ST3243BTR
-40 to 85 °C
TSSOP28 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST3243C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243CD STMICROELECTRONICS-ST3243CD Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
ST3243CD STMICROELECTRONICS-ST3243CD Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
ST3243CDR STMICROELECTRONICS-ST3243CDR Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
ST3243CDR STMICROELECTRONICS-ST3243CDR Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
ST3243CDR STMICROELECTRONICS-ST3243CDR Datasheet
316Kb / 20P
3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
31-Mar-2006
More results

Similar Description - ST3243C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243 STMICROELECTRONICS-ST3243 Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
ST3243 STMICROELECTRONICS-ST3243_06 Datasheet
316Kb / 20P
3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
31-Mar-2006
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3232B STMICROELECTRONICS-ST3232B_08 Datasheet
760Kb / 18P
3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
08-Feb-2008
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
13-Nov-2007
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
3-V TO 5.5-V DUAL RS-232 PORT
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
28-Sep-2010
ST3243B STMICROELECTRONICS-ST3243B_11 Datasheet
242Kb / 17P
3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
07-Oct-2011
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com