Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2068B Datasheet(PDF) 3 Page - STMicroelectronics

Part # ULN2068B
Description  50V - 1.5A QUAD DARLINGTON SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2068B Datasheet(HTML) 3 Page - STMicroelectronics

  ULN2068B Datasheet HTML 1Page - STMicroelectronics ULN2068B Datasheet HTML 2Page - STMicroelectronics ULN2068B Datasheet HTML 3Page - STMicroelectronics ULN2068B Datasheet HTML 4Page - STMicroelectronics ULN2068B Datasheet HTML 5Page - STMicroelectronics ULN2068B Datasheet HTML 6Page - STMicroelectronics ULN2068B Datasheet HTML 7Page - STMicroelectronics ULN2068B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
oC unless otherwise specified ) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
Vi(on)
Input Voltage
VCE = 2V, IC = 1A
ULN2064B, ULN2074B
ULN2066B, ULN2076B
VCE = 2V, IC = 1.5A
ULN2064B, ULN2074B
ULN2066B, ULN2076B
ULN2068B
ULN2070B
2
6.5
2.5
10
2.75
5
V
V
V
V
V
V
5
5
5
5
5
5
Is
Supply Current
for ULN2068B
IC = 500mA, Vi = 2.75V
for ULN2070B
IC = 500mA, Vi = 5V
6
4.5
mA
mA
8
8
tPLH
Turn-on Delay Time
0.5 Vi to 0.5 Vo
1
µs
tPHL
Turn-off Delay Time
0.5 Vi to 0.5 Vo
1.5
µs
IR
Clamp Diode Leakage Current
for ULN2064B-ULN2066B
and ULN2068B-ULN2070B
VR = 50 V
Tamb = 25
°C
Tamb = 70
°C
50
100
µA
µA
6
VF
Clamp Diode Forward Voltage
for ULN2064B-ULN2066B
and ULN2068B-ULN2070B
IF = 1 A
IF = 1.5 A
1.75
2
V
V
7
Notes : 1. Input voltage is with reference to the substrate (no connection to any other pins) for the ULN2074B and ULN2076B
reference is ground for all other types.
2. Input current may be limited by maximum allowable input voltage.
TEST CIRCUITS
Figure 1.
Figure 2.
Figure 3.
Figure 4.
ULN2064B-ULN2066B-ULN2068B-ULN2070B-ULN2074B-ULN2076B
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com