Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13201 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC13201 Technical Data, Rev. 1.3,
10
Freescale Semiconductor
Figure 6 shows a typical AC parameter evaluation circuit.
Figure 6. RF Parametric Evaluation Circuit
6
Functional Description
The following sections provide a detailed description of the MC13201 functionality, including operating
modes, and the Serial Peripheral Interface (SPI).
6.1
MC13201 Operational Modes
The MC13201 has a number of operational modes that allow for low-current operation. Transition from
the Off to Idle mode occurs when RST is negated. Once in Idle, the SPI is active and is used to control the
IC. Transition to Hibernate and Doze modes is enabled via the SPI. These modes are summarized, along
with the transition times, in Table 7. Current drain in the various modes is listed in Table 3, DC Electrical
Characteristics.
Table 6. Digital Timing Specifications
(VBATT, VDDINT = 2.7 V, TA = 25 °C, frequency = 16 MHz, unless otherwise noted.
SPI timing parameters are referenced to Figure 8.
Symbol
Parameter
Min
Typ
Max
Unit
T0
SPICLK period
125
nS
T1
Pulse width, SPICLK low
50
nS
T2
Pulse width, SPICLK high
50
nS
T3
Delay time, MISO data valid from falling SPICLK
15
nS
T4
Setup time, CE low to rising SPICLK
15
nS
T5
Delay time, MISO valid from CE low
15
nS
T6
Setup time, MOSI valid to rising SPICLK
15
nS
T7
Hold time, MOSI valid from rising SPICLK
15
nS
RST minimum pulse width low (asserted)
250
nS
L2
6.8nH
5
1
6
2
3
4
Z1
LDB212G4005C-001
L3
3.9nH
C1
1.0pF
R1
0R
R2
0R
Not Mounted
2
5
3
4
J1
SMA_edge_Receptac
C2
10pF
ANT1
F_Antenna
PAO_M
6
PAO_P
5
RFIN_P
2
RFIN_M
1
CT_Bias
3
U5
MC1320x
L1
1.8nH
L4
1.8nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com