Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33290 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33290
Description  ISO K Line Serial Link Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33290 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33290 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33290 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33290
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions of 4.75 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VBB ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER AND CONTROL
VDD Sleep State Current
Tx = 0.8 VDD, CEN = 0.3 VDD
IDD(SS)
–
–
0.1
mA
VDD Quiescent Operating Current
Tx = 0.2 VDD, CEN = 0.7 VDD
IDD(Q)
–
–
1.0
mA
VBB Sleep State Current
VBB = 16 V, Tx = 0.8 VDD, CEN = 0.3 VDD
IBB(SS)
–
–
50
µA
VBB Quiescent Operating Current
TX = 0.2 VDD, CEN = 0.7 VDD
IBB(Q)
–
–
1.0
mA
Chip Enable
Input High-Voltage Threshold (8)
Input Low-Voltage Threshold (9)
VIH(CEN)
VIL(CEN)
0.7 VDD
–
–
–
–
0.3 VDD
V
Chip Enable Pull-Down Current (10)
IPD(CEN)
2.0
–
40
µA
TX Input Low-Voltage Threshold
RISO = 510 Ω (11)
VIL(Tx)
–
–
0.3 x VDD
V
TX Input High-Voltage Threshold
RISO = 510 Ω (12)
VIH(Tx)
0.7 x VDD
–
–
V
TX Pull-Up Current (13)
IPU(Tx)
-40
–
-2.0
µA
RX Output Low-Voltage Threshold
RISO = 510 Ω, TX = 0.2 VDD, Rx Sinking 1.0 mA
VOL(Rx)
–
–
0.2 VDD
V
RX Output High-Voltage Threshold
RISO = 510 Ω, TX = 0.8 VDD, RX Sourcing 250 µA
VOH(Rx)
0.8 VDD
–
–
V
Thermal Shutdown (14)
TLIM
150
170
–
°C
Notes
8.
When IBB transitions to >100 µA.
9.
When IBB transitions to <100 µA.
10.
Enable pin has an internal current pull-down. Pull-down current is measured with CEN pin at 0.3 VDD.
11.
Measured by ramping TX down from 0.7 VDD and noting TX value at which ISO falls below 0.2 VBB.
12.
Measured by ramping TX up from 0.3 VDD and noting the value at which ISO rises above 0.9 VBB.
13.
Tx pin has internal current pull-up. Pull-up current is measured with TX pin at 0.7 VDD.
14.
Thermal Shutdown performance (TLIM) is guaranteed by design but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com