Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5973D013TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5973D013TR
Description  2.5 A switch step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973D013TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5973D013TR Datasheet HTML 5Page - STMicroelectronics L5973D013TR Datasheet HTML 6Page - STMicroelectronics L5973D013TR Datasheet HTML 7Page - STMicroelectronics L5973D013TR Datasheet HTML 8Page - STMicroelectronics L5973D013TR Datasheet HTML 9Page - STMicroelectronics L5973D013TR Datasheet HTML 10Page - STMicroelectronics L5973D013TR Datasheet HTML 11Page - STMicroelectronics L5973D013TR Datasheet HTML 12Page - STMicroelectronics L5973D013TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
L5973D
Application circuit
9/17
5
Application circuit
In figure 6 is shown the demonstration board application circuit, where the input supply
voltage, VCC, can range from 4 V to 25 V due to the rated voltage of the input capacitor and
the output voltage is adjustable from 1.235 V to VCC.
Figure 12.
Demonstration board application circuit
Table 5.
Component list
Reference
Part number
Description
Manufacturer
C1
GRM32DR61E106KA12L
10
µF, 25 V
Murata
C2
POSCAP 6TPB330M
330
µF, 6.3 V
Sanyo
C3
C1206C221J5GAC
220 pF, 5%, 50 V
KEMET
C4
C1206C223K5RAC
22 nF, 10%, 50 V
KEMET
R1
5.6 K, 1%, 0.1 W 0603
Neohm
R2
3.3 K, 1%, 0.1 W 0603
Neohm
R3
4.7 K, 1%, 0.1 W 0603
Neohm
D1
STPS2L25U
2 A, 25 V
ST
L1
DO3316P-153
15
µH, 3 A
COILCRAFT
D03IN1440
8
4
5
1
7
L5973D
C1
10
µF
25V
CERAMIC
C2
330
µF
6.3V
VOUT=3.3V
VIN = 4.4V to 25V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS2L25U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com