Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6566BTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6566BTR
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 21Page - STMicroelectronics L6566BTR Datasheet HTML 22Page - STMicroelectronics L6566BTR Datasheet HTML 23Page - STMicroelectronics L6566BTR Datasheet HTML 24Page - STMicroelectronics L6566BTR Datasheet HTML 25Page - STMicroelectronics L6566BTR Datasheet HTML 26Page - STMicroelectronics L6566BTR Datasheet HTML 27Page - STMicroelectronics L6566BTR Datasheet HTML 28Page - STMicroelectronics L6566BTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
L6566B
Application information
25/51
Figure 12.
Addition of an offset to the current sense lowers the burst-mode
operation threshold
5.4
Adaptive UVLO
A major problem when optimizing a converter for minimum no-load consumption is that the
voltage generated by the auxiliary winding under these conditions falls considerably as
compared even to a few mA load. This very often causes the supply voltage Vcc of the
control IC to drop and go below the UVLO threshold so that the operation becomes
intermittent, which is undesired. Furthermore, this must be traded off against the need of
generating a voltage not exceeding the maximum allowed by the control IC at full load.
To help the designer overcome this problem, the device, besides reducing its own
consumption during burst-mode operation, also features a proprietary adaptive UVLO
function. It consists of shifting the UVLO threshold downwards at light load, namely when
the voltage at pin COMP falls below a threshold VCOMPO internally fixed, so as to have more
headroom. To prevent any malfunction during transients from minimum to maximum load
the normal (higher) UVLO threshold is re-established when the voltage at pin COMP
exceeds VCOMPL and Vcc has exceeded the normal UVLO threshold (see Figure 13). The
normal UVLO threshold ensures that at full load the MOSFET will be driven with a proper
gate-to-source voltage.
Rs
L6566B
R
Vref
Rc
10
4
7
3
Vcso = Vref
R
R + Rc
Figure 13.
Adaptive UVLO block
VCOMPL
VCOMPO
VCOMP
(pin 9)
Vcc
(pin 5)
Q
VccOFF1
VccOFF2
t
t
t
(*) VccOFF2 < VccOFF1 is selected when Q is high
UVLO
VccOFF1
Vcc
L6566B
COMP
R
S
Q
VccOFF2
(*)
SW
5
9
VCOMPL
VCOMPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com